Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL42 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LL42
Description  Small Signal Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LL42 Datasheet(HTML) 1 Page - Micro Commercial Components

  LL42 Datasheet HTML 1Page - Micro Commercial Components LL42 Datasheet HTML 2Page - Micro Commercial Components LL42 Datasheet HTML 3Page - Micro Commercial Components LL42 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Fast Switching Speed and Low Turn-on Voltage
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Mechanical Data
Case: Minimelf, Glass
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: Indicated by Cathode Band
Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Peak Reverse Voltage
VRRM
30
V
Forward Continuous Current(Note2)
I
F
200
mA
Surge Forward Current @ tp< 10ms,
TA=25
oC
IFSM
4.0
A
Power Dissipation(Note 2)
Ptot
200
mW
Thermal Resistance(Note 2)
250
K/W
Operation Temperature Range
TA
-65 to 150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Note
: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
LL43
Small Signal
Schottky Diode
RqJA
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.13
0
.14
6
3.
30
3.
70
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
A
B
C
Cathode Mark
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Compliant. See ordering information)
2. Valid provided that electrodes are kept at ambient temperature.
LL42


Similar Part No. - LL42

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
General Semiconductor
LL42 GE-LL42 Datasheet
43Kb / 2P
Schottky Diodes
logo
SynSemi, Inc.
LL42 SYNSEMI-LL42 Datasheet
81Kb / 1P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL42 GOOD-ARK-LL42 Datasheet
61Kb / 2P
Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL42 JINANJINGHENG-LL42 Datasheet
73Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com