Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G34GF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G34GF
Description  Dual buffer gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G34GF Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G34GF Datasheet HTML 1Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 2Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 3Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 4Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 5Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 6Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 7Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 8Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LVC2G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 2 September 2010
3 of 17
NXP Semiconductors
74LVC2G34
Dual buffer gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 4.
Pin configuration SOT363
and SOT457
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891,
SOT1115 and SOT1202
74LVC2G34
1A
1Y
GND
2A
2Y
001aab676
1
2
3
6
VCC
5
4
74LVC2G34
GND
001aab677
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74LVC2G34
GND
001aag030
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
Table 4.
Function table[1]
Input
Output
nA
nY
LL
HH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com