Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G34GF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC2G34GF
Description  Dual buffer gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G34GF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G34GF Datasheet HTML 7Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 8Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 9Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 10Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 11Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 12Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 13Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 14Page - NXP Semiconductors 74LVC2G34GF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74LVC2G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 2 September 2010
11 of 17
NXP Semiconductors
74LVC2G34
Dual buffer gate
Fig 12. Package outline SOT891 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT891
SOT891
05-04-06
07-05-15
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
DIMENSIONS (mm are the original dimensions)
UNIT
mm
0.20
0.12
1.05
0.95
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.35
0.55
A
max
0.5
0.04
1
6
2
5
3
4
A
6
×
(1)
4
×
(1)
Note
1. Can be visible in some manufacturing processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com