Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G34GS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G34GS
Description  Dual buffer gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G34GS Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G34GS Datasheet HTML 1Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 2Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 3Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 4Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 5Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 6Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 7Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 8Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC2G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 2 September 2010
2 of 17
NXP Semiconductors
74LVC2G34
Dual buffer gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G34GW
−40 °Cto +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC2G34GV
−40 °Cto +125 °C
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC2G34GM
−40 °Cto +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC2G34GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
74LVC2G34GN
−40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
× 1.0 × 0.35 mm
SOT1115
74LVC2G34GS
−40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
× 1.0 × 0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74LVC2G34GW
YA
74LVC2G34GV
Y34
74LVC2G34GM
YA
74LVC2G34GF
YA
74LVC2G34GN
YA
74LVC2G34GS
YA
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mnb063
1A
1Y
16
2A
2Y
34
1
1
6
mnb064
3
1
4
001aac536
Y
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com