Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G34GS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC2G34GS
Description  Dual buffer gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G34GS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC2G34GS Datasheet HTML 2Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 3Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 4Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 5Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 6Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 7Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 8Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 9Page - NXP Semiconductors 74LVC2G34GS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC2G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 2 September 2010
6 of 17
NXP Semiconductors
74LVC2G34
Dual buffer gate
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25
°C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in
μW).
PD =CPD
× VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L
× VCC2 × fo) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.8
8.6
1.0
10.8
ns
VCC = 2.3 V to 2.7 V
0.5
2.4
4.4
0.5
5.5
ns
VCC = 2.7 V
0.5
2.5
5.0
0.5
6.3
ns
VCC = 3.0 V to 3.6 V
0.5
2.2
4.1
0.5
5.1
ns
VCC = 4.5 V to 5.5 V
0.5
1.9
3.2
0.5
4.0
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-20-
-
-
pF
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The data input (nA) to output (nY) propagation delays
mnb072
nA input
nY output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com