Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS103A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LS103A
Description  350mA Schottky Barrier Diode 20~40Volt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LS103A Datasheet(HTML) 1 Page - Micro Commercial Components

  LS103A Datasheet HTML 1Page - Micro Commercial Components LS103A Datasheet HTML 2Page - Micro Commercial Components LS103A Datasheet HTML 3Page - Micro Commercial Components LS103A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS103A
LS103B
LS103C
35
0mA Schottky
Barrier Diode
Features
Small surface mounting type(Quadro Melf)
High reliability
Low reverse curent and low forward voltage
Parameter
Symbol
Value
Units
Power Dissipation at
Tamb=25
OC
PD
400
mW
Repetitive peak reverse voltage
Storage Temperature Range
TSTG
-65 to 175
Thermal Resistance( Junction
to Ambient)
RthJA
300
K/W
Electrical Characteristics @ 25 C Unless Otherwise Specified
Symbol
Maximum
Unit
Forward Voltage
IF=20mA
VF
0.37
V
Applications
Low current rectification and high speed switching
Quadro MELF
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.063
1.40
1.60
∅
D
.067
1.70
.155”
.022”
.065”
A
B
Cathode Mark
C
D
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
20~40Volt
Maximum Ratings*
LS103A
VR
40
V
LS103B
30
V
LS103C
20
V
Forward current
IFM
350
mA
Repetitive peak forward current
t p
s
IFRM
1
A
IF=200mA
0.60
Reverse current
VR=30V
IR
5
uA
VR=20V
5
VR=10V
5
Diode capacitance
VR=VF=0,f=1MHz
CD
50
pF
Reverse recovery time
IF=IR=20mA to 0.1IR
trr
10
ns
1 of 4
LS103A
LS103B
LS103C
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - LS103A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS103A VISHAY-LS103A Datasheet
168Kb / 6P
Small Signal Schottky Diodes
17-Mar-06
logo
GOOD-ARK Electronics
LS103A GOOD-ARK-LS103A Datasheet
94Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
LS103A VISHAY-LS103A Datasheet
227Kb / 5P
Small Signal Schottky Diodes
05-Aug-10
LS103A VISHAY-LS103A Datasheet
192Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
logo
SUNMATE electronic Co.,...
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
More results

Similar Description - LS103A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
logo
Micro Commercial Compon...
BAS40TW MCC-BAS40TW Datasheet
212Kb / 3P
200mW 40Volt Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D_11 Datasheet
135Kb / 3P
40V, 350mA, SMD Schottky Diode
logo
Cystech Electonics Corp...
SD103ASH CYSTEKEC-SD103ASH Datasheet
215Kb / 5P
350mA Schottky Barrier Switching Diodes
logo
Micro Commercial Compon...
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
200mW 40Volt Schottky Barrier Diode
logo
SUNMATE electronic Co.,...
BAT48 SUNMATE-BAT48 Datasheet
217Kb / 2P
350mA Axial Leaded Schottky Barrier Diode
logo
Micro Commercial Compon...
BAT750 MCC-BAT750 Datasheet
541Kb / 2P
350mWatt, 40Volt Schottky Barrier Diode
LS103A MCC-LS103A_12 Datasheet
183Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS48 MCC-BAS48_12 Datasheet
191Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com