Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS103B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LS103B
Description  350mA Schottky Barrier Diode 20~40Volt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LS103B Datasheet(HTML) 2 Page - Micro Commercial Components

  LS103B Datasheet HTML 1Page - Micro Commercial Components LS103B Datasheet HTML 2Page - Micro Commercial Components LS103B Datasheet HTML 3Page - Micro Commercial Components LS103B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics (Tj=25
unless otherwise specified)
Forward voltage: VF(V)
Forward voltage: VF(V)
Figure 1. Typical variation of forward current vs.
forward voltage for primary conduction
through the schottky barrier
Figure 2. Typical high current forward conduction
curve tp=300ms, duty cycle=2%
tp
Reverse voltage: V
R
MCC
TM
Micro Commercial Components
Revision:
A
20
11/01/01
www.mccsemi.com
Figure 3. Typical non repetitive forward surge
current vs. pulse width
Figure 4. Typical variation of reverse current
at various temperatures
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com