Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS103B Datasheet (PDF) - Micro Commercial Components

LS103B Datasheet PDF - Micro Commercial Components
Part # LS103B
Download  LS103B Download
File Size   236.86 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mA Schottky Barrier Diode 20~40Volt

LS103B Datasheet (PDF)

Go To PDF Page Download Datasheet
LS103B Datasheet PDF - Micro Commercial Components

Part # LS103B
Download  LS103B Click to download

File Size   236.86 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mA Schottky Barrier Diode 20~40Volt

LS103B Datasheet (HTML) - Micro Commercial Components


LS103B Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• Small surface mounting type(Quadro Melf)
• High reliability
• Low reverse curent and low forward voltage
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - LS103B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS103B VISHAY-LS103B Datasheet
168Kb / 6P
Small Signal Schottky Diodes
17-Mar-06
logo
GOOD-ARK Electronics
LS103B GOOD-ARK-LS103B Datasheet
94Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
LS103B VISHAY-LS103B Datasheet
227Kb / 5P
Small Signal Schottky Diodes
05-Aug-10
LS103B VISHAY-LS103B Datasheet
192Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
logo
SUNMATE electronic Co.,...
LS103B SUNMATE-LS103B Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
More results


Similar Description - LS103B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
logo
Micro Commercial Compon...
BAS40TW MCC-BAS40TW Datasheet
212Kb / 3P
200mW 40Volt Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D_11 Datasheet
135Kb / 3P
40V, 350mA, SMD Schottky Diode
logo
Cystech Electonics Corp...
SD103ASH CYSTEKEC-SD103ASH Datasheet
215Kb / 5P
350mA Schottky Barrier Switching Diodes
logo
Micro Commercial Compon...
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
200mW 40Volt Schottky Barrier Diode
logo
SUNMATE electronic Co.,...
BAT48 SUNMATE-BAT48 Datasheet
217Kb / 2P
350mA Axial Leaded Schottky Barrier Diode
logo
Micro Commercial Compon...
BAT750 MCC-BAT750 Datasheet
541Kb / 2P
350mWatt, 40Volt Schottky Barrier Diode
LS103A MCC-LS103A_12 Datasheet
183Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS48 MCC-BAS48_12 Datasheet
191Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com