Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21WS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV21WS
Description  410mW High Voltage SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV21WS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV21WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV21WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV21WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV19WS/BAV20WS/BAV21WS
410mW High Voltage SMD Switching Diode
Small Signal Diode
Electrical Characteristics
IF=
100mA
IF=
Junction Capacitance
Tape & Reel specification
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Note 2: Test Condition : IR=100μA
Note 3: Test Condition : BAV19WS @ VR=100V, BAV20WS @ VR=150V, BAV21WS @ VR=200V
Note 4: Test Condition : IF=IR=30mA, RL=100Ω, IRR=3mA
Note 5: A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be
within 0.05 mm min. to 0.5 mm max. The component cannot rote more than 10° within the determined cavity.
Note 6: If B1 exceeds 4.2 mm(0.165'') for 8 mm embossed tape, the tape may not feed through all tape feeders.
W
8.30 Max.
Reel width
W1
14.4 Max
P0
4.00 ±0.10
P1
2.00 ±0.10
Tape width
T
0.6 Max.
13.0 ± 0.5
K
D2
D1
D
E
1.75 ±0.10
50 Min.
F
3.50 ±0.05
Item
Symbol
Dimension(mm)
A
178 ± 1
2.40 Max.
Min
1.5 ± 0.1
250
-
Units
Max
ns
50
-
-
120
-
1.00
-
200
Reverse Recovery Time
(Note 4)
Trr
Symbol
Breakdown Voltage
BAV19W
BAV20W
(Note 2)
BAV21W
V
BAV19W
BAV20W
(Note 3)
BAV21W
nA
V
CJ
-
VF
IR
VR
100
pF
User Direction of Feed
Reverse Leakage Current
Type Number
200mA
-
Forward Voltage
5.0
1.25
VR=0, f=1.0MHz
-
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
A
Version : D10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com