Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV21WS
Description  410mW High Voltage SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV21WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV21WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV21WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV21WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19WS/BAV20WS/BAV21WS
410mW High Voltage SMD Switching Diode
Small Signal Diode
Flat Lead SOD-323F small outline plastic package
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Case : Flat lead SOD-323F small outline plastic package
Min
Max
Min
Max
1.15
1.40
0.045 0.055
2.30
2.80
0.091 0.110
0.25
0.40
0.010 0.016
1.60
1.80
0.063 0.071
0.80
1.10
0.031 0.043
0.05
0.15
0.002 0.006
Part No.
Package
Packing Code
Packing
Marking
BAV19WS SOD-323F
RR
3K / 7" Reel
S5
BAV20WS SOD-323F
RR
3K / 7" Reel
S6
BAV21WS SOD-323F
RR
3K / 7" Reel
S7
BAV19WS SOD-323F
RRG
3K / 7" Reel
S5
BAV20WS SOD-323F
RRG
3K / 7" Reel
S6
BAV21WS SOD-323F
RRG
3K / 7" Reel
S7
Maximum Ratings
Pulse width= 1μs
Pulse width= 1s
High temperature soldering guaranteed: 260°C/10s
A
Note1. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts
may vary despending on application.
SOD-323F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, solderable
per MIL-STD-202, Method 208 guaranteed
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
°C
E
Value
mA
200
200
250
2.5
mW
V
Junction and Storage Temperature Range
TJ, TSTG
-65 to + 150
Non-Repetitive Peak Forward Surge Current
0.5
VRRM
IF(AV)
Power Dissipation
Average Rectified Forward Current
Repetitive Peak Reverse Voltage
PD
Type Number
Polarity : Indicated by cathode band
Weight : 4.85±0.5 mg
Rating at 25°C ambient temperature unless otherwise specified.
Ordering Information
Units
Symbol
Suggested PAD Layout
D
IFSM
Unit (inch)
Pin Configuration
Marking Code : S5, S6, S7
Dimensions
(mm)
F
Unit (mm)
A
B
C
D
A
B
C
E
F
Version : D10


Similar Part No. - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV21WS DIODES-BAV21WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV21WS GE-BAV21WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV21WS DIOTEC-BAV21WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV21WS DIODES-BAV21WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZT52C2V4 WTE-BZT52C2V4 Datasheet
60Kb / 5P
410mW SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
B0540W TSC-B0540W Datasheet
87Kb / 2P
410mW, Low VF SMD Schottky Barrier Diode
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
410 mW High Voltage SMD Switching Diode
B0520LW TSC-B0520LW_10 Datasheet
162Kb / 3P
410mW, Low VF SMD Schottky Barrier Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
200mW High Voltage SMD Switching Diode
BAV19W TSC-BAV19W_10 Datasheet
213Kb / 3P
410mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
200mW High Voltage SMD Switching Diode
BAV19W TSC-BAV19W_15 Datasheet
235Kb / 4P
410mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
200mW High Voltage SMD Switching Diode
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
410mW Surface Mount Switching Diode-100V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com