Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6579 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 5 Page - Intersil Corporation

  FN6579 Datasheet HTML 1Page - Intersil Corporation FN6579 Datasheet HTML 2Page - Intersil Corporation FN6579 Datasheet HTML 3Page - Intersil Corporation FN6579 Datasheet HTML 4Page - Intersil Corporation FN6579 Datasheet HTML 5Page - Intersil Corporation FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6579.2
March 11, 2011
COMx ON Capacitance,
CCOM(ON)
f = 1MHz (see Figure 7)
25
-
88
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = +4.5V, VIN = 0V or V+
25
-
0.003
0.1
µA
Full
-
0.9
-
µA
Positive Supply Current, I+
V+ = +4.2V, VIN = 2.85V
25
-
0.78
12
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.6
-
-
V
Input Current, IINH, IINL
V+ = 4.5V, VIN = 0V or V+
25
-0.5
-
0.5
µA
Full
-
0.2
-
µA
Electrical Specifications - 3V Supply Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 9), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+ (see Figure 5)
25
-
0.9
-
Ω
Full
-
0.96
-
Ω
rON Matching Between
Channels,
ΔrON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = Voltage at
max rON (Note 13)
25
-
10
-
m
Ω
Full
-
17
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+ (Note 12, 14)
25
-
0.33
0.5
Ω
Full
-
0.35
0.55
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
55
-
ns
Full
-
82
-
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
18
-
ns
Full
-
24
-
ns
Break-Before-Make Time Delay,
tD
V+ = 3.3V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(see Figure 3)
Full
-
30
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
-
150
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 4)
25
-
60
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS
(see Figure 6)
25
-
-75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 32Ω
25
-
0.04
-
%
NOx or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 7)
25
-
36
-
pF
COMx ON Capacitance,
CCOM(ON)
f = 1MHz (see Figure 7)
25
-
88
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.5
V
Input Voltage High, VINH
25
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.3V, VIN = 0V or V+
25
-0.5
-
0.5
µA
Full
-
0.2
-
µA
Electrical Specifications - 4.3V Supply
Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Note 9), Unless
Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ISL54059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com