Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6579 Datasheet(PDF) 2 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 2 Page - Intersil Corporation

  FN6579 Datasheet HTML 1Page - Intersil Corporation FN6579 Datasheet HTML 2Page - Intersil Corporation FN6579 Datasheet HTML 3Page - Intersil Corporation FN6579 Datasheet HTML 4Page - Intersil Corporation FN6579 Datasheet HTML 5Page - Intersil Corporation FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6579.2
March 11, 2011
Pinout (Note 1)
ISL54059
(10 LD TDFN)
TOP VIEW
ISL54059
(10 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for INx = Logic “0”.
IN1
NO1
COM1
NC1
GND
IN2
NO2
COM2
NC2
V+
1
2
3
4
5
10
9
8
7
6
GND
V+
NC2
COM2
NO2
NC1
COM1
NO1
IN1
IN2
1
2
3
4
5
10
9
8
7
6
Truth Table
IN1
IN2
NC1
NO1
NC2
NO2
0
0
ON
OFF
ON
OFF
0
1
ON
OFF
OFF
ON
10
OFF
ON
ON
OFF
1
1
OFF
ON
OFF
ON
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
IC Power Supply (+1.8V to +6.5V). Decouple V+ to
ground by placing a 0.1µF capacitor at the V+ and GND
supply lines as near as the IC as possible.
GND
Ground Connection
INx
Digital Control Input
COM
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54059IRTZ
(Note 3)
4059
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL54059IRTZ-T
(Notes 2, 3)
4059
-40 to +85
10 Ld 3x3 TDFN (Tape and Reel)
L10.3x3A
ISL54059IRUZ-T
(Notes 2, 4)
7
-40 to +85
10 Ld Thin µTQFN (Tape and Reel)
L10.1.8x1.4A
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com