Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448L0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LL4448L0
Description  500mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4448L0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL4448L0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4448L0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4448L0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LL4148/LL4448/LL914B
500mW High Speed SMD Switching Diode
Small Signal Diode
Electrical Characteristics
IR=100uA
IR=5uA
Forward Voltage
LL4448, LL914B
IF=5.0mA
LL4148
IF=10.0mA
LL4448, LL914B
IF=100.0mA
VR=20V
VR=75V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time (Note 3)
Notes:3. Reverse Recovery Test Conditions: IF=IR=10mA, RL=100Ω, IRR=1mA
Tape & Reel specification
Dimension
μA
nA
V
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
V
Type Number
Symbol
Min
Max
Units
Reverse Breakdown Voltage
V(BR)
100
75
CJ
0.62
0.72
pF
4.0
1.0
Item
ns
1.0
Reverse Leakage Current
IR
25
5.0
VF
Trr
4.0
Symbol
TSC label
178 ± 1
330 ± 1
55 Min
100Min
Dimension(mm)
4.00 ±0.10
2.00 ±0.05
Reel width
W1
P1
Tape width
W
P0
Overall tape thickness
T
Punch hole position
Sprocke hole pitch
Embossment center
1.83 ±0.10
3.73 ±0.10
1.80 ±0.10
D2
D
3.50 ±0.05
F
E
A
B
0.23±0.005
Item
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
14.4max
Symbol
C
d
13.0 ± 0.20
1.75 ±0.10
8.00 ±0.30
D1
1.50 ± 0.10
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
Direction of Feed
T
C
d
P1
P0
A
B
F
W
E
W1
D1
D2
D
Version : E10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com