Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448L0 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LL4448L0
Description  500mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4448L0 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LL4448L0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4448L0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4448L0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LL4148/LL4448/LL914B
500mW High Speed SMD Switching Diode
Small Signal Diode
Rating and Sharacteristic Curves
0
300
600
900
1200
1500
0.001
0.01
0.1
1
10
100
FIG 1 Typical Forward Characteristics
0.01
0.1
1
10
0
20406080
100
120
FIG 2 Reverse Current vs Reverse Voltage
600
FIG 3 Admissible Power Dissipation Curve
1.5
FIG 4 Typical Junction Capacitance
Ta=25°C
Ta=25°C
Instantaneous Forward Current (mA)
Reverse Voltage (V)
0
100
200
300
400
500
0
50
100
150
200
0
0.3
0.6
0.9
1.2
0
5
10
15
20
25
30
1
10
100
1000
10000
0
0
1
10
Forward Current (mA)
FIG 5 Forward Resistance vs. Forward Current
Reverse Voltage (V)
Ambient Temperature (°C)
0.1
Version : E10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com