Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2060D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2060D
Description  20.0AMPS Isolated Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2060D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF2060D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2060D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:A11
RATINGS AND CHARACTERISTIC CURVES (MBRF2060D THRU MBRF20200D)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
5
10
15
20
25
0
25
50
75
100
125
150
175
CASE TEMPERATURE (℃)
RESISTER OR
INDUCTIVE LOAD
FIG. 2 MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT PER LEG
0
30
60
90
120
150
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
0.0001
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF VR (%)
TA=25℃
TA=125℃
TA=75℃
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
FORWARD VOLTAGE (V)
MBRF20100D-
MBRF20120D
MBRF20150D-
MBRF20200D
MBRF2060D
FIG. 6 TYPICAL TRANSIENT THERMAL
IMPEDANCE PER LEG
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com