Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2060D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2060D
Description  20.0AMPS Isolated Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2060D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF2060D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2060D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High Surge capability
MBRF20XXD = Specific Device Code
G
= Green compound
Y
= Year
WW
= Work Week
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IRRM
A
dV/dt
V/uS
RθJC
OC/W
TJ
OC
TSTG
OC
Note2: Thermal Resistance from Junction to Case Per Leg
mA
mA
V
A
MBRF
20120D
120
84
120
0.90
0.80
1.00
0.90
0.1
5
A
100
10,000
3.5
MBRF
2060D
100
MBRF
20100D
0.1
10
70
0.80
0.70
0.95
0.85
0.85
0.75
0.95
0.85
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
High temperature soldering guaranteed: 260℃/
10 seconds, 0.25"(6.35mm) from case
1.5
60
42
60
IFSM
IR
VF
Marking Diagram
Mounting torque: 5 in-lbs. Max.
Polarity: As marked
MBRF2060D - MBRF20200D
Dimensions in inches and (millimeters)
ITO-220AB
Mounting position: Any
Case: ITO-220AB molded plastic body
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Features
Version:A11
20.0AMPS Isolated Schottky Barrier Rectifier
Operating Temperature Range
Storage Temperature Range
Peak Repetitive Reverse Surge Current
Maximum Average Forward Rectified Current
@Tc = 135℃(Total Device)
Maximum Ratings and Electrical Characteristics
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Weight: 1.7 grams
Guarding for overvoltage protection
Note1: Pulse Test : 300us Pulse Width, 1% Duty cycle
IF(AV)
Voltage rate of change (Rated VR)
Type Number
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
0.95
0.85
1.05
0.95
0.1
2
MBRF
20150D
Maximum DC blocking voltage
Maximum Instantaneous Forward Voltage at (Note 1)
IF = 10A, TA=25℃
IF = 10A, TA=125℃
IF = 20A, TA=25℃
IF = 20A, TA=125℃
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Maximum Reverse Current at Rated DC Blocking Voltage
TA=25 ℃
TA=125 ℃
150
105
150
-65 to + 150
-65 to + 175
Maximum Thermal Resistance Per Leg (Note 2)
MBRF
20200D
200
140
200
20
150
0.5
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF2060D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF2060 MOTOROLA-MBRF2060 Datasheet
84Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
logo
Taiwan Semiconductor Co...
MBRF2060 TSC-MBRF2060 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2060 TSC-MBRF2060 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF2060 LUGUANG-MBRF2060 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2060 TSC-MBRF2060 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
More results

Similar Description - MBRF2060D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRI20100CT TSC-MBRI20100CT Datasheet
142Kb / 2P
20.0Amps Surface Mount Schottky Barrier Rectifier
MBRF20L100CT TSC-MBRF20L100CT Datasheet
186Kb / 2P
20.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT_11 Datasheet
139Kb / 2P
20.0AMPS Schottky Barrier Rectifier
SRF2020 TSC-SRF2020_11 Datasheet
190Kb / 2P
20.0AMPS. Isolated Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_11 Datasheet
194Kb / 2P
20.0AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020_11 Datasheet
188Kb / 2P
20.0AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
20.0AMPS Isolated Schottky Barrier Rectifiers
MBRI20100CT TSC-MBRI20100CT_13 Datasheet
267Kb / 3P
20.0AMPS Schottky Barrier Rectifier High Surge capability
SRF2020 TSC-SRF2020_13 Datasheet
247Kb / 3P
20.0AMPS. Isolated Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR2035CT GXELECTRONICS-MBR2035CT Datasheet
881Kb / 2P
20.0AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com