Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907ADCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2907ADCSM
Description  DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907ADCSM Datasheet(HTML) 1 Page - Seme LAB

  2N2907ADCSM Datasheet HTML 1Page - Seme LAB 2N2907ADCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAB
SEME
2N2907ADCSM
DUAL HIGH SPEED, MEDIUM POWER
PNP SWITCHING TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• DUAL SILICON PLANAR EPITAXIAL
PNP TRANSISTORS
• HERMETIC CERAMIC SURFACE
MOUNT PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
Hermetically sealed dual surface mount
version of the popular 2N2907A for high
reliability / space applications requiring
small size and low weight devices.
PER SIDE
VCBO
Collector - Base Voltage
VCEO
Collector - Emitter Voltage
VEBO
Emitter - Base Voltage
IC
Collector Current
TOTAL DEVICE
PD
Total Device Dissipation
PD
Derate above 50°C
RθJA
Thermal Resistance Junction to Ambient
RθJC
Thermal Resistance Junction to Case
TSTG,Tj
Storage Temperature, Operating temp range
–60V
–60V
–5V
-600mA
350mW
2.0mW / °C
130°C / W
60°C / W
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC2 PACKAGE
Underside View
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise stated)
PAD 1 – Collector 1
PAD 2 – Base 1
PAD 3 – Base 2
PAD 4 – Collector 2
PAD 5 – Emitter 2
PAD 6 – Emitter 1
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
Document Number 7581
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - 2N2907ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2907ADCSM SEME-LAB-2N2907ADCSM Datasheet
41Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 2N2907ADCSM

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT4403 ROHM-UMT4403 Datasheet
40Kb / 1P
PNP Medium Power Transistor (Switching)
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
BCY70CSM SEME-LAB-BCY70CSM Datasheet
20Kb / 3P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Rohm
SST4403 ROHM-SST4403_07 Datasheet
104Kb / 4P
PNP Medium Power Transistor(Switching)
logo
Seme LAB
2N2222A SEME-LAB-2N2222A_09 Datasheet
41Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A_02 Datasheet
43Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Rohm
SST2907AT116 ROHM-SST2907AT116 Datasheet
94Kb / 5P
PNP Medium Power Transistor (Switching)
UMT2907AT106 ROHM-UMT2907AT106 Datasheet
94Kb / 5P
PNP Medium Power Transistor (Switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com