Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907ADCSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2907ADCSM
Description  DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907ADCSM Datasheet(HTML) 2 Page - Seme LAB

  2N2907ADCSM Datasheet HTML 1Page - Seme LAB 2N2907ADCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAB
SEME
2N2907ADCSM
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS PER SIDE (T
C = 25°C unless otherwise stated)
IC = -10mA
IC = -10µA
IE = -10µAIC = 0
VCE = -30V
VBE = -0.5V
IE = 0
VCB = -50V
TC = 125°C
VCE = -30V
VBE = -0.5V
IC = -150mA
IB = -15mA
IC = -500mA
IB = -50mA
IC = -150mA
IB = -15mA
IC = -500mA
IB = -50mA
IC =- 0.1mA
VCE = -10V
IC = -1.0mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -150mA
VCE = -10V
IC = -500mA
VCE = -10V
VCEO(BR)*
Collector – Emitter Breakdown Voltage
VCBO(BR)*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICEX*
Collector Cut-off Current
ICBO*
Collector – Base Cut-off Current
IBEO
Base Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
–60
–60
–5
-50
-0.01
-10
-50
–0.4
–1.6
–1.3
–2.6
75
100
100
100
300
50
V
V
V
nA
µA
nA
V
V
—
fT
Transition Frequency
Cob
Output Capacitance
Cib
Input Capacitance
IC = -50mA
VCE = -20V f = 100MHz
VCB = -10V
IE = 0
f = 1.0MHz
VBE = -2V
IC = 0
f = 1.0MHz
200
8
30
MHz
pF
pF
* Pulse test tp = 300µs , δ ≤ 2%
DYNAMIC CHARACTERISTICS PER SIDE (T
C = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC = -30V
IC = -150mA
IB1 = -15mA
ton
Turn-on Time
toff
Turn-off Time
45
300
ns
ns
SWITCHING CHARACTERISTICS PER SIDE (RESISTIVE LOAD)
(TC = 25°C unless otherwise stated)
Document Number 7581
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com