Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6258SSGU Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6258SSGU
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258SSGU Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6258SSGU Datasheet HTML 1Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
5
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃, VREF Cap=10uF; unless otherwise specified)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
THD+N vs. output voltage
THD+N vs. output voltage
THD+N vs. output voltage
f=20Hz
f=20Hz
f=20Hz
f=1kHz
f=20kHz
f=20kHz
f=1kHz
f=1kHz
f=20kHz
VDD=5V
VDD=2.7V
VDD=3.3V
FREQUENCY (Hz)
FREQUENCY (Hz)
SUPPLY VOLTAGE (V)
THD+N vs. frequency
Channel separation vs. frequency
Quiescent current vs. supply voltage
VDD=5V
VO=0dBV
VDD=3.3V
VO=-3dBV
VDD=2.7V
VO=-3dBV
VDD=5V
VO=0dBV
VDD=2.7V
VO=-3dBV
VDD=3.3V
VO=-3dBV
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
PSRR vs. frequency
CAP=22uF
CAP=22uF
CAP=22uF
CAP=10uF
CAP=10uF
CAP=10uF
CAP=2.2uF
CAP=2.2uF
CAP=2.2uF
VDD=5V
VRR=-20dBV
VDD=3.3V
VRR=-20dBV
VDD=2.7V
VRR=-20dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com