Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6258SSGU Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6258SSGU
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258SSGU Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6258SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
9
www.mosanalog.com
Data bytes description
Function bits
MSB
LSB
Function
1
1
1
1
1
1
1
1
Function off (-79dB)
1
1
0
1
A3
A2
A1
A0
2-channel, -1dB/step
1
1
1
0
0
B2
B1
B0
2-channel, -10dB/step
1
0
1
0
A3
A2
A1
A0
Left channel, -1dB/step
1
0
1
1
0
B2
B1
B0
Left channel, -10dB/step
0
0
1
0
A3
A2
A1
A0
Right channel, -1dB/step
0
0
1
1
0
B2
B1
B0
Right channel, -10dB/step
1
1
0
0
C3
C2
C1
C0
2-channel, +1dB/step
0
1
1
0
C3
C2
C1
C0
Left channel, +1dB/step
0
1
0
1
C3
C2
C1
C0
Right channel, +1dB/step
0
0
0
0
Stereo1
0
0
0
1
Stereo2
0
0
1
0
Stereo3
0
1
0
0
0
0
1
1
Stereo4
0
0
0
1
Power off preparation (pop noise free)
1
0
0
1
2-channel, mute On
0
1
1
1
1
0
0
0
2-channel, mute Off
Gain / Attenuation bits
A3
A2
A1
A0
Attenuation (dB)
Gain (dB)
-
B2
B1
B0
C3
C2
C1
C0
A
B
C
0
0
0
0
0
0
0
0
0
0
1
-1
-10
+1
0
0
1
0
-2
-20
+2
0
0
1
1
-3
-30
+3
0
1
0
0
-4
-40
+4
0
1
0
1
-5
-50
+5
0
1
1
0
-6
-60
+6
0
1
1
1
-7
-70
+7
1
0
0
0
-8
-
+8
1
0
0
1
-9
-
+9
1
0
1
0
-
-
+10
1
0
1
1
-
-
+11
1
1
0
0
-
-
+12
1
1
0
1
-
-
+13
1
1
1
0
-
-
+14
1
1
1
1
-
-
+15
1. Attenuation bit, Ax = -1dB/step, Bx = -10dB/step
2. Gain bit, Cx = +1dB/step
3. Total gain / attenuation equal Ax + Bx + Cx.
4. The function of power off preparation is to prevent pop noise when power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com