Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6308 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6308
Description  Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6308 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6308 Datasheet HTML 1Page - MOSA ELECTRONICS MS6308 Datasheet HTML 2Page - MOSA ELECTRONICS MS6308 Datasheet HTML 3Page - MOSA ELECTRONICS MS6308 Datasheet HTML 4Page - MOSA ELECTRONICS MS6308 Datasheet HTML 5Page - MOSA ELECTRONICS MS6308 Datasheet HTML 6Page - MOSA ELECTRONICS MS6308 Datasheet HTML 7Page - MOSA ELECTRONICS MS6308 Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOSA
MS6308
Class AB Stereo Headphone Driver
REV 2
1/8
www.mosanalog.com
Class AB Stereo Headphone Driver
Low Distortion, Excellent PSRR
FEATURES
‧Low supply voltage 2.8 to 6.5V
‧No switch-ON/OFF clicks
‧Excellent power supply ripple rejection
‧Low power consumption
‧Short-circuit resistant
‧High performance :
- high SNR
- high slew rate
- low distortion
‧Large output voltage swing
‧Space saving package SOP8, MSOP8
APPLICATIONS
‧CD-RW、DVD-RW
‧CD-ROM、DVD-ROM
‧MP3、PDA
‧Portable Digital Audio
‧Cross-reference :
TDA1308T
DESCRIPTION
The MS6308 is an integrated class AB stereo headphone
driver contained in an SO8 package. The device is
fabricated in a CMOS process and has been primarily
developed
for
portable
digital
audio
applications.
MS6308 is pin and function compatible with the Philips,
TDA1308T.
BLOCK DIAGRAM
7
6
5
8
2
3
4
1
+INB
VDD
OutB
-INB
OutA
-INA
+INA
VSS
-
+
+
-
PIN CONFIGURATION
Symbol
Pin
Description
OUTA
1
Output A
-INA
2
Inverting input A
+INA
3
Non-inverting input A
VSS
4
Negative supply
+INB
5
Non-inverting input B
-INB
6
Inverting input B
OUTB
7
Output B
VDD
8
Positive supply
7
6
5
8
2
3
4
1
MS6308
VDD
OUTB
-INB
+INB
OUTA
-INA
+INA
VSS


Similar Part No. - MS6308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
MOSA ELECTRONICS
MS6308 MOSA-MS6308 Datasheet
292Kb / 9P
Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
MS6308GTR MOSA-MS6308GTR Datasheet
292Kb / 9P
Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
MS6308GU MOSA-MS6308GU Datasheet
292Kb / 9P
Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
MS6308MGTR MOSA-MS6308MGTR Datasheet
292Kb / 9P
Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
More results

Similar Description - MS6308

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
Class AB stereo headphone driver
2002 Jul 19
logo
MOSA ELECTRONICS
MS6308 MOSA-MS6308 Datasheet
292Kb / 9P
Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com