Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDF5V0A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TESDF5V0A
Description  Bi-Directional ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDF5V0A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TESDF5V0A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TESDF5V0A
Bi-Directional ESD Protection Array
Small Signal Diode
Tape & Reel specification
Suggested PAD Layout
Note 1: A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be
within 0.05 mm min. to 0.5 mm max. The component cannot rote more than 10
o within the determined cavity.
Note 2: If B1 exceeds 4.2 mm(0.165'') for 8 mm embossed tape, the tape may not feed through all tape feeders.
Note 3: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts
may vary despending on application.
Reel width
14.4 Max.
Overall tape thickness
Tape width
W1
Dimension (mm)
Carrier depth
K
T
0.6 Max.
180 ± 1
50 Min.
D2
13.0 ± 0.5
D1
Item
Symbol
Sprocke hole position
Reel outside diameter
A
E
Sprocket hole
D
Feed hole width
Reel inner diameter
1.22 Max.
1.75 ±0.10
Sprocke hole pitch
1.50 +0.10
P0
4.00 ±0.10
Embossment center
Dimensions
Unit (inch)
Unit (mm)
P1
2.00 ±0.10
W
8.30 Max.
A
B
C
D
0.079
0.037
0.035
0.031
2.00
0.95
0.90
0.80
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Direction of Feed
B
A
C
D
W1
D1
D2
A
For Machine Reference Only
Including Draft and RADLL
Concentric Around B0
T
Top
Cover Tape
See Note1
B0
K
Center Lines
of Cavity
F
E
W
For Components
2.0mm X 1.2mm
and Larger
D'
D
P1
10 Pitches Cumulative
Tolerance on Tape
±2.0mm ( ±0.008")
B0
Embossment
A0
K0
B1
P0
Version :
B11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com