Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDF5V0A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TESDF5V0A
Description  Bi-Directional ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDF5V0A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TESDF5V0A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TESDF5V0A
Bi-Directional ESD Protection Array
Small Signal Diode
Meet IEC61000-4-4 (EFT) rating. 40A (5/50ήs)
Meet IEC61000-4-5 (Lightning) rating. 12A (8/20μs)
Protects two directional I/O lines
Working Voltage : 5V
Min
Max
Min
Max
Case :SOT-23 standard package, molded plastic
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.043
Microprocessor based equipment
Industrial Controls
Notebooks, Desktops, and Servers
Set-Top Box
Part No.
Package
Packing
Marking
TESDF5V0A
SOT-23 3K / 7" Reel
L50
Maximum Ratings
Electrical Characteristics
1mA
5V
1A
2.5A
D
E
F
Maximum Ratings and Electrical Characteristics
Cell Phone Handsets and Accessories
Pin Configutation
Marking Code : L50
Packing Code
RFG
Ordering Information
Max
SOT-23
Rating at 25°C ambient temperature unless otherwise specified.
Units
A
KV
Junction and Storage Temperature Range
TJ, TSTG
.
-55 to + 150
.
°C
Units
100
W
Peak Pulse Current (tp = 8/20μs)
IPP
2.5
Applications
Peak Pulse Power (tp=8/20μs waveform)
PPP
Features
Mechanical Data
High temperature soldering guaranteed: 260°C/10s
Weight : 0.008gram (approximately)
Unit (inch)
A
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 202 guaranteed
Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
Unit (mm)
Dimensions
Pb free version, RoHS compliant, and Halogen free
B
C
5
Type Number
Symbol
Value
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
VESD
±15
± 8
Type Number
Symbol
Min
V
Reverse Breakdown Voltag
IR=V(BR)
6-
V
Reverse Stand-Off Voltage
VRWM
-
Reverse Leakage Current
VR=IR
-1
uA
Clamping Voltage
IPP=
Vc
-
9.8
V
IPP=
-
pF
15
Junction Capacitance
VR=0V, f=1.0MHz
CJ
10 (Typ.)
B
A
C
D
F
E
Version : B1
1


Similar Part No. - TESDF5V0A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDF5V0A TSC-TESDF5V0A Datasheet
267Kb / 5P
Bi-directional ESD Protection Diode
TESDF5V0ARFG TSC-TESDF5V0ARFG Datasheet
267Kb / 5P
Bi-directional ESD Protection Diode
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
ESD Protection Array
TESDF5V0AU TSC-TESDF5V0AU Datasheet
264Kb / 5P
ESD Protection Array
TESDF5V0AURFG TSC-TESDF5V0AURFG Datasheet
264Kb / 5P
ESD Protection Array
More results

Similar Description - TESDF5V0A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJESD5V0BQ4G PANJIT-PJESD5V0BQ4G Datasheet
49Kb / 3P
QUAD BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
PJT5V0BQG PANJIT-PJT5V0BQG Datasheet
49Kb / 3P
TRIPLE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
PJSDA05C-5 PANJIT-PJSDA05C-5 Datasheet
71Kb / 2P
FIVE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
logo
Taiwan Semiconductor Co...
TESDC5V0 TSC-TESDC5V0 Datasheet
258Kb / 3P
Bi-directional ESD Protection Diode
TESDT5V0A TSC-TESDT5V0A Datasheet
203Kb / 4P
Bi-directional ESD Protection Array
logo
Pan Jit International I...
PJSD12LCFN2 PANJIT-PJSD12LCFN2 Datasheet
268Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Union Semiconductor, In...
UM5052DA UNIONSEMI-UM5052DA Datasheet
124Kb / 5P
Single Line Bi-directional ESD Protection Diode Array
logo
Taiwan Semiconductor Co...
TESDT5V0A TSC-TESDT5V0A_15 Datasheet
266Kb / 5P
Bi-directional ESD Protection Array
logo
Union Semiconductor, In...
UM5052DA UNIONSEMI-UM5052DA_16 Datasheet
154Kb / 5P
Single Line Bi-directional ESD Protection Diode Array
logo
SeCoS Halbleitertechnol...
SD24C SECOS-SD24C Datasheet
328Kb / 3P
ESD Protection (Bi-Directional)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com