Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDL5V0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TESDL5V0
Description  Bi-directional ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDL5V0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TESDL5V0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDL5V0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDL5V0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDL5V0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TESDL5V0/TESDL12V/TESDL24V
Bi-directional ESD Protection Diode
Small Signal Diode
Designed for mounting on small surface.
Moisture sensitivity level 1
Protects one birectional I/O line
Working Voltage : 5V, 12V, 24V
Case : 1005 standard package, molded plastic
Min
Max
Min
Max
2.40
2.60
0.095
0.102
1.10
1.30
0.043
0.051
0.70
0.90
0.027
0.035
Notebooks, Desktops, and Servers
Keypads, Side Keys, USB 2.0, LCD Displays
Portable Instrumentation
Touch panel
Part No.
Package code
Package
Packing
Marking
TESDL5V0
RWG
1005
4K / 7" Reel
E05
TESDL12V
RWG
1005
4K / 7" Reel
E12
TESDL24V
RWG
1005
4K / 7" Reel
E24
Maximum Ratings and Electrical Characteristics
Maximum Ratings
B
0.50(Typ.)
0.020(Typ.)
0.040(Typ.)
Unit (mm)
°C
Unit (inch)
Units
Suggested PAD Layout
75
KV
±15
±8
VESD
Dimensions
D
A
1.00(Typ.)
Cell Phone Handsets and Accessories
Features
Mechanical Data
Pb free version, RoHS compliant, and Halogen free
High temperature soldering guaranteed: 260°C/10s
Terminal: Gold plated,solder
per MIL-STD-750, Method 2026 guaranteed
Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
Marking Code : E05, E12, E24
Mounting position: Any
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
Value
.
-55 to + 150
.
Junction and Storage Temperature Range
TJ, TSTG
PPP
Type Number
Symbol
W
25
47
1005
Pin Configutation
C
Rating at 25°C ambient temperature unless otherwise specified.
E
Weight :6 mg (approximately)
TESDL12V
TESDL24V
TESDL5V0
Peak Pulse Power (tp=8/20μs waveform)
Ordering Information
Applications
1.30
0.05
1
0.051
1.30
0.70
0.02
8
0.106
2.70
mm
inch
Unit :
Version : C1
1


Similar Part No. - TESDL5V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDL5V0 TSC-TESDL5V0 Datasheet
81Kb / 2P
SMD ESD Protection Diode
TESDL5V0 TSC-TESDL5V0 Datasheet
89Kb / 3P
200mW,Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0 Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0 Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_09 Datasheet
89Kb / 3P
200mW,Bi-directional ESD Protection Diode
More results

Similar Description - TESDL5V0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
Bi-directional ESD Protection Diode
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
Bi-directional ESD Protection Diode
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
Bi-directional ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com