Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2580CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2580CSRL
Description  2A / 52KHz Buck Switching Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2580CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2580CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2580CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2580CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2580CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2580CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS2580
2A / 52KHz Buck Switching Regulator
1/5
Version: B11
SOP-8
General Description
TS2580 Series are step-down switching regulators with all required active functions. It is capable of driving 2A
load with excellent line and load regulations. These devices are available for adjustable output version. TS2580
series operates at a switching frequency of 52kHz thus allowing smaller sized filter components than what would
be needed with lower frequency switching regulators. It substantially not only reduces the area of board size but
also the size of heat sink, and in some cases no heat sink is required. The ±4% tolerance on output voltage within
specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency accuracy is within
±10%. External shutdown is included. Featuring 100µA (typical) standby current. The output switch includes cycle-
by-cycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Features
●
Adjustable Output Voltage Range 1.23V~38.5V
●
52kHz fixed switching frequency
●
Voltage Mode Non-synchronous PWM control
●
Thermal Shutdown and Current Limit Protection
●
ON/OFF Shutdown Control Input
●
Short Circuit Protect (SCP)
●
Operating Voltage Can be up to 40V
●
Output Load Current 2A
●
Low Power Standby Mode
Ordering Information
Part No.
Package
Packing
TS2580CS RL
SOP-8
2.5kpcs / 13” Reel
TS2580CS RLG
SOP-8
2.5kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Application
●
Simple High-efficiency Step down Regulator
●
Charger
●
Positive to Negative Converter
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Maximum Supply Voltage
VCC
+45
V
Recommend Operating Supply Voltage
VOP
4.5 to 40
V
SW, EN Pin Input Voltage
VSW, VEN
-0.3 to +40
V
Feedback Pin Voltage
VFB
-0.3 to +25
V
Power Dissipation
PD
Internally Limited
W
Output Voltage to Ground
VOUT
-1
V
Storage Temperature Range
TST
-65 to +150
oC
Operating Temperature Range
TOP
-40 to +125
oC
ESD Susceptibility (HBM)
2
kV
Thermal Information
Parameter
Symbol
Maximum
Unit
Thermal Resistance (Junction to Case)
ӨJC
20
oC/W
Thermal Resistance (Junction to Ambient)
ӨJA
60
oC/W
Note1: ӨJA is measured on the PCB with minimum copper area.
Note2: ӨJA is measured with the PCB copper area (need connect to GROUND pins) of approximately 0.5 in
2
Pin Definition:
1. VIN
8. GND
2. VOUT
7. GND
3. ADJ
6. GND
4. EN
5. GND


Similar Part No. - TS2580CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS258 TSC-TS258 Datasheet
168Kb / 6P
Dual Operating Amplifier
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
PWM Controller
TS2581CS-RLG TSC-TS2581CS-RLG Datasheet
139Kb / 7P
PWM Controller
TS258CD TSC-TS258CD Datasheet
168Kb / 6P
Dual Operating Amplifier
TS258CS TSC-TS258CS Datasheet
168Kb / 6P
Dual Operating Amplifier
More results

Similar Description - TS2580CSRL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
2A / 150KHz Buck Switching Regulator
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
logo
Feeling Technology Corp...
FP6101 FEELING-FP6101 Datasheet
428Kb / 12P
20V, 2A Buck Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com