Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDS21 Datasheet(PDF) 1 Page - Seme LAB

Part # BDS21
Description  SILICON EPIBASE PNP DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS21 Datasheet(HTML) 1 Page - Seme LAB

  BDS21 Datasheet HTML 1Page - Seme LAB BDS21 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON EPIBASE PNP
DARLINGTON TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8216
Issue 1
Page 1 of 2
BDS21
•
High DC Current Gain
•
Hermetic Metal TO-220 Package
•
Designed For General Purpose Amplifiers and
Low Speed Switching Applications
•
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
-80V
VCEO
Collector – Emitter Voltage
-80V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-5A
IB
Base Current
-0.1A
PD
Total Power Dissipation at
TC = 25°C
35W
Derate Above 25°C
0.2W/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
5
°C/W
** This datasheet supersedes document 7603


Similar Part No. - BDS21

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS21 SEME-LAB-BDS21 Datasheet
20Kb / 2P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
logo
TT Electronics.
BDS21 TTELEC-BDS21 Datasheet
803Kb / 2P
SILICON EPIBASE PNP DARLINGTON TRANSISTOR
logo
Cooper Bussmann, Inc.
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
Disconnect Switch
logo
Seme LAB
BDS21SMD SEME-LAB-BDS21SMD Datasheet
20Kb / 2P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS21SMD SEME-LAB-BDS21SMD Datasheet
457Kb / 2P
SILICON EPIBASE PNP DARLINGTON TRANSISTOR
More results

Similar Description - BDS21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD434 SIEMENS-BD434 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
BD612 SIEMENS-BD612 Datasheet
127Kb / 4P
PNP SILICON EPIBASE TRANSISTORS
logo
NEC
2SB1150 NEC-2SB1150 Datasheet
146Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
Seme LAB
BDS20 SEME-LAB-BDS20_09 Datasheet
803Kb / 2P
SILICON EPIBASE NPN DARLINGTON TRANSISTOR
BDS20SMD SEME-LAB-BDS20SMD Datasheet
457Kb / 2P
SILICON EPIBASE NPN DARLINGTON TRANSISTOR
BDS21SMD SEME-LAB-BDS21SMD Datasheet
457Kb / 2P
SILICON EPIBASE PNP DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CEN-U95 CENTRAL-CEN-U95 Datasheet
420Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
TT Electronics.
BDS20 TTELEC-BDS20 Datasheet
803Kb / 2P
SILICON EPIBASE NPN DARLINGTON TRANSISTOR
BDS21 TTELEC-BDS21 Datasheet
803Kb / 2P
SILICON EPIBASE PNP DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com