Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDS21 Datasheet(PDF) 2 Page - Seme LAB

Part # BDS21
Description  SILICON EPIBASE PNP DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS21 Datasheet(HTML) 2 Page - Seme LAB

  BDS21 Datasheet HTML 1Page - Seme LAB BDS21 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SILICON EPIBASE PNP
DARLINGTON TRANSISTOR
BDS21
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8216
Issue 1
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
VCB = -80V
IE = 0
-0.2
VCB = -60V
IE = 0
ICBO
Collector-Cut-Off Current
TC = 150°C
-1.0
ICEO
Collector-Cut-Off Current
VCE = -40V
IB = 0
-0.5
IEBO
Emitter-Cut-Off Current
VEB = -5V
IC = 0
-2
mA
IC = -0.5A
VCE = -3V
1000
hFE
(1)
Forward-current transfer
ratio
IC = -3A
VCE = -3V
1000
IC = -3A
IB = -12mA
-2
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -5A
IB = -20mA
-4
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = -5A
IB = -20mA
-2.8
VBE(on)
(1)
Base-Emitter On Voltage
IC = -3A
VCE = -3V
-3.5
V
DYNAMIC CHARACTERISTICS
IC = -0.5A
VCE = -4V
fT
Transition Frequency
f = 2MHz
8
MHz
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
MECHANICAL DATA
Dimensions in mm (inches)
TO220M(TO-257AB)
Pin 1 – Base
Pin 2 – Collector
Pin 3 - Emitter
2.54 (0.1)
BSC
3.70 Dia. Nom
1 2 3
0.8
(0.03)
2.70
(0.106)
1.0
(0.039)
4.6 (0.18)
10.6 (0.42)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com