Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2938CSRL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CSRL
Description  500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CSRL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2938CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS2938
500mA Ultra Low Dropout Voltage Regulator
with Inhibit Function
2/6
Version: D07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage (Note 2)
VIN
-18 ~ +60
V
Operation Input Supply Voltage
VOPR
26
V
Power Dissipation (Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ + 125
oC
Thermal Resistance Junction to Case
TJC
20
oC/W
Storage Temperature Range
TSTG
-65 ~ +150
oC
Electrical Characteristics ( VIN=VOUT+1V, IL=5mA, CO=10uF, TA=25oC, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
TA=25
oC
0.980|Vo|
1.020|Vo|
V
Output Voltage
TA=25~85
oC
0.960|Vo|
VOUT
1.040|Vo|
V
Output Voltage Temperature Coefficient
--
50
150
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 26V
--
0.05
0.5
%
Load Regulation
5mA ≤ IL ≤ 500mA
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=300mA
IL=500mA
--
--
--
100
300
500
200
400
600
mV
Quiescent Current (Note 5)
IL=100uA
IL=300mA
IL=500mA
--
--
--
200
12
25
300
20
50
uA
mA
mA
Short Circuit Current (Note 6)
VOUT =0
--
0.9
1.3
A
Output Noise,
10Hz to 100KHz, IL=10mA
CL=2.2uF
CL=3.3uF
CL=33uF
--
--
--
500
350
120
--
--
--
uVrms
Ripple Rejection
Ratio
60
--
--
dB
Shutdown Input
Low (Regulator ON)
--
1.3
0.7
Input Logic Voltage
High (Regulator OFF)
2.0
--
--
V
Vinhibit = 2.4V
--
30
50
Shutdown Pin Input Current
Vinhibit = 26V
--
450
600
Regulator Output Current in Shutdown
Vinhibit≤2V, Vin≤26V
Vout=0V
--
--
200
uA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com