Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2938CSRL Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CSRL
Description  500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CSRL Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2938CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS2938
500mA Ultra Low Dropout Voltage Regulator
with Inhibit Function
3/6
Version: D07
Electrical Characteristics (Continue)
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
Specifications and test conditions see the Electrical Characteristics.
Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction
to ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of θja can be reduced by using a heatsink.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current.
Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 500mA at the
maximum specified temperature.
Application Circuit
Application Information
Application
The TS2938 series is a high performance with low dropout voltage regulator suitable for moderate to high current
and voltage regulator application. Its 500Mv (typ) dropout voltage at full load and over temperature makes it
especially valuable in battery power systems and as high efficiency noise filters in post regulator applications. Unlike
normal NPN transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit
the minimum dropout voltage, dropout performance of the PNP output of these devices is limited only by low Vce
saturation voltage.
The TS2938 series is fully protected from damage due to fault conditions. Linear current limiting is provided. Output
current during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the
maximum safe operating temperature. Transient protection allows device survival even when the input voltage
spikes above and below nominal. The output structure of these regulators allows voltages in excess of the desired
output voltage to be applied without reverse current flow.
Fixed Output Voltage Type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com