Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2951CSRL Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2951CSRL
Description  150mA Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951CSRL Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2951CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS2951/A
150mA Ultra Low Dropout Voltage Regulator
3/10
Version: D11
NOTE:
1: Output voltage temperature coefficients defined as the worst case voltage change divided by the total
temperature range.
2: Unless otherwise specified all limits guaranteed for Tj= 25
oC, Vin= 6V, I
L= 100uA and CL= 100uF. Additional
conditions for the 8-pin versions are feedback tied to 5V, 3.3V & 3V tap output Sense (Vout = 5V, 3.3V & 3V) and
shutdown
≤ 0.8V.
3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in
output voltage due to heating effects are covered under the specification for thermal regulation.
4: Line regulation for the TS2951 is tested at 85
oC for I
L= 1mA.For IL= 100uA and Tj= 125
oC, line regulation is
guaranteed by design to 0.2%.
5: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below its
nominal value measured at 1V differential at very low value of programmed output voltage, the minimum input
supply voltage of 2V (2.3V over temperature) must be taken in to account.
6: Vref
≤ Vout ≤ (Vin-1V), 2.3≤ Vin≤ 30V, 100uA≤ I
L
≤ 100mA, Tj ≤ Tj(max)
.
7: Reference voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
8: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage change,
multiply by the error amplifier gain= Vout / Vref = (R1+R2) / R2. For example, at a programmed output voltage of
5V, the Error output is guaranteed to go low when the output drops by 95 mV X 5V / 1.250 = 384mV. Thresholds
remain constant as a percent of Vout as Vout is varied with the dropout warning occurring at typically 5% below
nominal, 7.5% guaranteed.
Application Hints
External Capacitors
For the stability of the TS2951/A is requires a 1.0uF(0.22uF is recommended for 3.0V & 3.3V) or greater capacitor
between output and ground. Oscillation could occur without this capacitor. The tantalum or aluminum electrolytic
works fine; could use the film type work but are not cost efficient. For the operation of below -25
oC solid tantalum is
recommended since the many aluminum type have electrolytes the freeze at about -30
oC. The ESR of about 5 or
less and resonant frequency above 500KHz are most important parameter in the value of Capacitor. The
Capacitors value can be increased without any limit. At lower values of output current, less output capacitance is
required for stability. For the currents below 10mA the value of capacitor can be reduce to 0.33uF and 0.1uF for
1mA. More output capacitance needed for the 8-pin version at voltage below 5V since it runs the error amplifier at
lower gain. At worst case 3.3uF or greater must be used for condition of 100mA load at 1.250V output.
The TS2951/A is not like other low dropout regulators will remain stable and regulation with no load in addition to
the internal voltage divider. This feature very important in application, it is like CMOS RAM keep-alive. The
TS2951/A output voltage is set with minimum load of 1uA and external resistors.
If at the input ofTS2951/A connected to battery or between AC filter capacitor and input is 10 inches wire then 1uF
tantalum or aluminum electrolytic capacitor should be connected between input and ground. Instability can occur if
stray capacitor to feedback terminal pin 7 of the TS2951/A. This could cause more problems when using higher
value of external to set the output voltage. To fix this problem the 100pF capacitor between output and feedback
and increasing output capacitance to 3.3uF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com