Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2951CSRL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2951CSRL
Description  150mA Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951CSRL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2951CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS2951/A
150mA Ultra Low Dropout Voltage Regulator
4/10
Version: D11
Application Hints (continued)
Reducing Output Noise
It could be an advantage to reduce the AC noise present at the output. One method is to reduce the regulator
bandwidth by increasing the value of the output capacitor. This is the only method that noise could reduce on the
TS2951/A, but is relatively inefficient, as increasing capacitor from 1uF to 220uF only decreases the noise from
430uV to 160uVrms for a 100KHz bandwidth at 5V output. Noise could be also reduced by fourfold by a bypass
capacitor across R1 since it reduces the high frequency gain from 4 to unity.
Pick Cbypass= 1 / 2πR1 * 200Hz or choose 0.01uF when doing this, the output capacitor must be increased to
3.3uF to maintain stability. These change the output noise from 430uV/rms for a 100 kHz bandwidth 5V, 3.3V & 3V
output. With the bypass capacitor added, noise no longer scales with output voltage so that improvements are
more dramatic higher output voltage.
Error Detection Comparator Output
The Compactor produces a logic low output whenever the TS2951/A output falls of regulation by more than around
5%. This is around 60 mV offset divided by the 1.235 reference voltage. Thus trip remains 5% below nominal
regardless of the programmed output voltage of the regulator. The Figure 1 shows the timing diagram depicting the
ERROR signal and the regulator output voltage as the TS2951/A input is ramped up and down. The ERROR signal
becomes low at around 1.3V input,it goes high around 5V input (input voltage at which Vout=4.75V). The TS2951/A
dropout voltage depending on the load, the input voltage trip point around 5V will vary with load current. The output
voltage trip point is around 4.75V, it does not change with load. The error comparator has an open-collector output
which requires an external pull-up resistor. Depending on the system requirement, the resistor maybe returned to 5
or 3.3V output or other supply voltage depending to the system requirements. For determining the size of the
resistor, note that the output is sinking 400uA, this value adds to battery drain in a low better condition,
recommended values 100K to 1M . If the output is unused this resistor is not required.
Programming The output Voltage
The TS2951/A output voltage is programmable for any value from it reference voltage of 1.235V and it maximum
rating of 30V. For example for 5 volt needs to pin-strapped and using the internal voltage divider by tying pin 1 to 2
and pin 7 to pin 6. Refer to Figure 2, there are two external resistor required for this programming. Refer to the
below equation for the programming the output voltage:
Volt=Vref x (1+R1\R2)+IFB * R1
The Vref is 1.235V and IFB is the feedback bias current, nominally -20nA. The minimum recommended load current
of 1uA forces an upper limit of 1.2M on value of R2, If no load presented the IFB produces error of typically 2% in
Vout which maybe eliminated at room temperature by trimming R1. To improve the accuracy chooses the value of
R2=100K and this reduces the error by 0.17% and increases the resistor program current by 12uA. The TS2951/A
typically draw 60uA at no load with pin 2 open-circuit, and this value does not look much.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com