Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5201CSRF Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS5201CSRF
Description  200mA Low Noise LDO Voltage Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5201CSRF Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS5201CSRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS5201
200mA Low Noise LDO
Voltage Regulator with Enable
4/7
Version: B07
Application Information (Continue)
No Load Stability
The TS5201 series will remain stable and in regulation with no load, unlike many other voltage regulators. This is
especially important in CMOS RAM keep alive applications.
Adjustable Regulator Design
The adjustable regulator versions can be adjusted to a specific output voltage by using two external resistors to
programming the output voltage anywhere between 1.25 and the 8V maximum operating rating of the family.
Two resistors are used. Resistors can be quite large up to 470kΩ, because of the very high input impedance and low
bias current of the sense comparator, the resistor values are calculated by:
A capacitor from Adjust to Ground provides greatly improved noise performance.
Adjustable Version: VOUT = 1.24 (R1+R2)/R2
(Adjustable output range up to 8V)
Dual Supply Operation
When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must
be diode clamped to ground.
Thermal Characteristics
TS5201 series is designed to provide 200mA (5V version) of continuous current in a very small package. Maximum
power dissipation can be calculated based on the output current and the voltage drop across the part. To determine
the maximum power dissipation of the package, use the junction-ambient thermal resistance of the device and the
following basic equation:
PD(MAX) = [ TJ(MAX) – TA ] /ΘJA
TJ(MAX) is the maximum junction temperature of the die(125ºC), and Ta is the ambient operating temperature. ΘJA is
layout dependent, the actual power dissipation of the regulator circuit can be determined using the equation:
PD = (VIN – VOUT) * IOUT + VIN * IGND
Substituting Pd(max) for Pd and solving for the operating conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For example, when operating the TS5201CS at room
temperature with a minimum footprint layout, the maximum input voltage for a set output current can be determined
as follows:
PD(MAX) = (125
oC – 25oC) / 220oC/W
PD(MAX) = 455mW
off
EN
VIN
VOUT
COUT
2.2uF
on
R1
R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com