Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5201CSRF Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS5201CSRF
Description  200mA Low Noise LDO Voltage Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5201CSRF Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS5201CSRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5201CSRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS5201
200mA Low Noise LDO
Voltage Regulator with Enable
5/7
Version: B07
Application Information (Continue)
The junction to ambient thermal resistance for the minimum footprint is 220
oC/W, the maximum power dissipation
must not be exceeded for proper operation. Using the output voltage of 3.3V and an output current of 120mA, the
maximum input voltage can be determined. From the electrical characteristics table, the maximum ground current for
120mA output current is 2.5mA.
445mW = (VIN – 3.3V ) * 200mA + VIN * 2.5mA
445mW = VIN * 200mA – 3.3 * 200mA + VIN * 2.5mA
445mW = VIN * 200mA – 495mW + VIN * 2.5mA
950mW = VIN * 152.5mA
VIN (max) = 6.23V
Therefore, a 3.3V application at 200mA of output current can accept a maximum input voltage of 6.23V in a SOP-8
package.
Noise Reduction Capacitors
On adjustable devices, a capacitor from ADJ to GND will decrease high frequency noise on the output. See following
figure:
Minimum Load
The TS5201 will remain stable and in regulation with no load unlike many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com