Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP53 Datasheet(PDF) 1 Page - Seme LAB

Part # BUP53
Description  SILICON MULTI-EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUP53 Datasheet(HTML) 1 Page - Seme LAB

  BUP53_09 Datasheet HTML 1Page - Seme LAB BUP53_09 Datasheet HTML 2Page - Seme LAB BUP53_09 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON MULTI-EPITAXIAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8314
Issue 1
Page 1 of 3
BUP53
Low VCE(SAT), Fast switching.
Hermetic TO3 Metal package.
Ideally suited for Motor Control, Switching
and Linear Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VCEX
Collector – Emitter Voltage
VBE = -1.5V
400V
VCEO
Collector – Emitter Voltage
250V
VEBO
Emitter – Base Voltage
10V
IC
Continuous Collector Current
60A
ICM
Peak Collector Current
80A
PD
Total Power Dissipation at
TC = 25°C
300W
Derate Above 25°C
1.72W/°C
TJ
Junction Temperature Range
-55 to +200°C
Tstg
Storage Temperature Range
-55 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
0.58
°C/W


Similar Part No. - BUP53_09

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUP53R SEME-LAB-BUP53R Datasheet
19Kb / 2P
NPN MULTI-EPITAXIAL TRANSISTOR
More results

Similar Description - BUP53_09

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6277 SEME-LAB-2N6277_09 Datasheet
202Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUP51 SEME-LAB-BUP51_09 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUP54 SEME-LAB-BUP54_09 Datasheet
195Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUR50 SEME-LAB-BUR50_09 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
TT Electronics.
BUP51 TTELEC-BUP51 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUP52 TTELEC-BUP52 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUV20 TTELEC-BUV20 Datasheet
479Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX10 TTELEC-BUX10 Datasheet
191Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX11 TTELEC-BUX11 Datasheet
200Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX12 TTELEC-BUX12 Datasheet
193Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com