Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP53 Datasheet(PDF) 2 Page - Seme LAB

Part # BUP53
Description  SILICON MULTI-EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUP53 Datasheet(HTML) 2 Page - Seme LAB

  BUP53_09 Datasheet HTML 1Page - Seme LAB BUP53_09 Datasheet HTML 2Page - Seme LAB BUP53_09 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON MULTI-EPITAXIAL
NPN TRANSISTOR
BUP53
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8314
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
VCE = 400V
VBE = -1.5V
0.1
ICEX
Collector Cut-Off Current
TC = 150°C
5
IEBO
Emitter Cut-Off Current
VEB = 8V
IC = 0
0.1
mA
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10mA
250
IC = 20A
IB = 2A
0.6
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 50A
IB = 8A
0.8
IC = 20A
IB = 2A
1.1
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 50A
IB = 5A
1.4
V
IC = 20A
VCE = 4V
12
hFE
(1)
Forward-current transfer
ratio
IC = 50A
VCE = 4V
5
DYNAMIC CHARACTERISTICS
ts
Storage Time
IC = 30A
VCC = 200V
1.8
tf
Fall Time
IB1 = -IB2 = 10A
0.35
µs
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com