Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38603 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LR38603
Description  Digital Signal Processor for Color CCD Cameras
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38603 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LR38603 Datasheet HTML 17Page - Sharp Corporation LR38603 Datasheet HTML 18Page - Sharp Corporation LR38603 Datasheet HTML 19Page - Sharp Corporation LR38603 Datasheet HTML 20Page - Sharp Corporation LR38603 Datasheet HTML 21Page - Sharp Corporation LR38603 Datasheet HTML 22Page - Sharp Corporation LR38603 Datasheet HTML 23Page - Sharp Corporation LR38603 Datasheet HTML 24Page - Sharp Corporation LR38603 Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LR38603
21
Electronic exposure control data =
[{Weighted data 1 q x (64 – CW_E (address 13h))
+ Weighted data 2 w x CW_E}/64
x (256 – P_HEE (address 17h) – P_LEE (address 18h))
+ Top level e x P_HEE + Bottom level r x
P_LEE]/256
q Weighted data 1
This comes from the following equation weighting in
horizontal.
Weighting factors are the data from UW_E1
(address 0Bh) to UW_E8 (address 12h).
Weighted data 1 =
{(Y11 + Y12 + π + Y18)/8 x UW_E1 (address 0Bh)
+ (Y21 + Y22 + π + Y28)/8 x UW_E2 (address 0Ch)
:
+ (Y81 + Y82 + π + Y88)/8 x UW_E8 (address
12h)}/256
The sum from UW_E1 to UW_E8 shall be 256.
w Weighted data 2
Weighting area can be set by the data of CWP_E
(address 14h), CWA_E (address 15h).
Weighting position can be set by the data of
CWP_E.
Weighting area size can be set by the data of
CWA_E.
Weighted data come from averaged data in chosen
area.
e Top level : The highest luminance data in one
image by averaging either 4 pixels
or 8 pixels in horizontal.
r Bottom level : The lowest luminance data in
one image by averaging either 4
pixels or 8 pixels in horizontal.
Auto White Balance Control
If white balance control data are less than the data
of AWB_IW_S and AWB_QW_S (address 40h),
then AWB stops.
If white balance control data are less than the data
of AWB_IW_L (address 3Eh) and AWB_QW_L
(address 3Fh) AWB is made active so that white
balance control data are less than the data of
AWB_IW_S and AWB_QW_S.
When the data are greater than AWB_IW_L and
AWB_QW_L, AWB will be active again.
White balance data come from the following
equation using averaged I and Q data of 16 areas
in one image.
White balance data =
{Weighted data 3 q x (64 – CW_IQ (address 33h))
+ weighted data 4 w x CW_IQ}/64
Y11
Y12
Y13
Y14
Y15
Y16
Y17
Y18
Y21
Y22
Y23
Y24
Y25
Y26
Y27
Y28
Y31
Y32
Y33
Y34
Y35
Y36
Y37
Y38
Y41
Y42
Y43
Y44
Y45
Y46
Y47
Y48
Y51
Y52
Y53
Y54
Y55
Y56
Y57
Y58
Y61
Y62
Y63
Y64
Y65
Y66
Y67
Y68
Y71
Y72
Y73
Y74
Y75
Y76
Y77
Y78
Y81
Y82
Y83
Y84
Y85
Y86
Y87
Y88
I11
I12
I13
I14
I21
I22
I23
I24
I31
I32
I33
I34
I41
I42
I43
I44
Q11
Q12
Q13
Q14
Q21
Q22
Q23
Q24
Q31
Q32
Q33
Q34
Q41
Q42
Q43
Q44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com