Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19373CX5RF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19373CX5RF
Description  800mA Buck (Step-down) WLED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19373CX5RF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19373CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS19373
800mA Buck (Step-down) WLED Driver
2/9
Version: B09
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
40
V
Supply Voltage (Recommended)
VIN
6 ~ 40
V
FB Voltage
VFB
-0.3 ~ 40
V
SW Voltage
VSW
36
V
Output SW Current
ISW
800
mA
Ambient Temperature Range
TA
-40 to +85
oC
Junction Temperature Range
TJ
+150
oC
Electrical Specifications (Ta = 25
oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
6
--
40
V
Line Regulation
REGLINE
--
1.4
5
mV
Charge Current
ICHARGE
VIN =6V~40V
--
30
45
uA
Discharge Current
IDISCHARGE
VIN =6V~40V
180
230
290
uA
Switching Frequency
FOSC
CT =100pF,
--
180
--
kHz
Current Limit Sense Voltage
VSENSE
IDISCHARGE = ICHARGE
250
--
350
mV
Switch VCESAT
VSAT
ISW = 300mA
--
1.0
1.3
V
Supply Current
ICC
VIN =6V~40V, CT =1nF
--
3
4
mA
Collector off-state Current
IC(OFF)
VCE =40V
1
100
uA
Note: Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
temperature as possible



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com