Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19373CX5RF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19373CX5RF
Description  800mA Buck (Step-down) WLED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19373CX5RF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19373CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS19373
800mA Buck (Step-down) WLED Driver
1/9
Version: B09
SOT-25
General Description
The TS19373 is a continuous mode inductive step-down converter, designed for driving single or multiple series
connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input
supply between 6V and 40V and provides an externally adjustable output current of up to 800mA.
TS19373 includes the output switch and a high-side output current sensing circuit, which uses an external resistor to
set the nominal average output current.
Features
Wide Input Voltage Range 6V~40V
800mA Output Current
High Efficiency up to 90%
Drives up to 3 (1~3W) LEDs @ VIN 12V
Drives up to 7 (1~3W) LEDs @ VIN 24V
180kHz Switching Frequency
Internal PWM Filter
Application
DC/DC or AC/DC LED driver applications
Back lighting of flat panel displays
Signage and decorative LED lightings
Chargers
LED Lighting Equipment – MR16, Tube
Ordering Information
Part No.
Package
Packing
TS19373CX5 RF
SOT-25
3Kpcs / 7” Reel
Block Diagram
Pin Definition:
1. VIN
2. Ground
3. CT
4. ISENSE
5. SW


Similar Part No. - TS19373CX5RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19373CX5RF TSC-TS19373CX5RF Datasheet
386Kb / 7P
800mA Buck (Step-down) WLED Driver
More results

Similar Description - TS19373CX5RF

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
800mA Synchronous Buck Step-Down Converter
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
Buck (Step-down) WLED Driver with External Switch
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
2A Buck (Step-down) WLED Driver
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Taiwan Semiconductor Co...
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
2A Buck (Step-down) WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com