Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38630 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 9Page - Sharp Corporation LR38630 Datasheet HTML 10Page - Sharp Corporation LR38630 Datasheet HTML 11Page - Sharp Corporation LR38630 Datasheet HTML 12Page - Sharp Corporation LR38630 Datasheet HTML 13Page - Sharp Corporation LR38630 Datasheet HTML 14Page - Sharp Corporation LR38630 Datasheet HTML 15Page - Sharp Corporation LR38630 Datasheet HTML 16Page - Sharp Corporation LR38630 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LR38630
13
ADDRESS
NAME
BITS
FUNCTION
Red signal to control auto carrier balance.
RCA_DATA
8
7Ch
Upper 4 bits of luminance signal to control auto exposure.
IRIS_DATA2
4
7Bh
88h
8
WP02H1
Lower 8 bits of X-axis on the position of white blemish 3.
87h
1
WP01V2
MSB of Y-axis on the position of white blemish 2.
86h
8
WP01V1
Lower 8 bits of Y-axis on the position of white blemish 2.
85h
1
WP01H2
MSB of X-axis on the position of white blemish 2.
84h
8
WP01H1
Lower 8 bits of X-axis on the position of white blemish 2.
83h
1
WP00V2
MSB of Y-axis on the position of white blemish 1.
82h
8
WP00V1
Lower 8 bits of Y-axis on the position of white blemish 1.
81h
1
WP00H2
MSB of X-axis on the position of white blemish 1.
80h
8
WP00H1
Lower 8 bits of X-axis on the position of white blemish 1.
7Fh
8
GBCA_DATA
Green signal in BG line to control auto carrier balance.
7Eh
8
BCA_DATA
Blue signal to control auto carrier balance.
7Dh
8
GRCA_DATA
Green signal in RG line to control auto carrier balance.
Lower 8 bits of Y-axis on the position of white blemish 4.
WP03V1
8
8Eh
MSB of X-axis on the position of white blemish 4.
WP03H2
1
8Dh
Lower 8 bits of X-axis on the position of white blemish 4.
WP03H1
8
8Ch
MSB of Y-axis on the position of white blemish 3.
WP02V2
1
8Bh
Lower 8 bits of Y-axis on the position of white blemish 3.
WP02V1
8
8Ah
MSB of X-axis on the position of white blemish 3.
WP02H2
1
89h
95h
1
WP05H2
MSB of X-axis on the position of white blemish 6.
94h
8
WP05H1
Lower 8 bits of X-axis on the position of white blemish 6.
93h
1
WP04V2
MSB of Y-axis on the position of white blemish 5.
92h
8
WP04V1
Lower 8 bits of Y-axis on the position of white blemish 5.
91h
1
WP04H2
MSB of X-axis on the position of white blemish 5.
90h
8
WP04H1
Lower 8 bits of X-axis on the position of white blemish 5.
8Fh
1
WP03V2
MSB of Y-axis on the position of white blemish 4.
Lower 8 bits of Y-axis on the position of white blemish 7.
WP06V1
8
9Ah
MSB of X-axis on the position of white blemish 7.
WP06H2
1
99h
Lower 8 bits of X-axis on the position of white blemish 7.
WP06H1
8
98h
MSB of Y-axis on the position of white blemish 6.
WP05V2
1
97h
Lower 8 bits of Y-axis on the position of white blemish 6.
WP05V1
8
96h
9Bh
1
WP06V2
MSB of Y-axis on the position of white blemish 7.
9Ch
8
WP07H1
Lower 8 bits of X-axis on the position of white blemish 8.
MSB of Y-axis on the position of white blemish 9.
WP08V2
1
A3h
Lower 8 bits of Y-axis on the position of white blemish 9.
WP08V1
8
A2h
MSB of X-axis on the position of white blemish 9.
WP08H2
1
A1h
Lower 8 bits of X-axis on the position of white blemish 9.
WP08H1
8
A0h
MSB of Y-axis on the position of white blemish 8.
WP07V2
1
9Fh
Lower 8 bits of Y-axis on the position of white blemish 8.
WP07V1
8
9Eh
MSB of X-axis on the position of white blemish 8.
WP07H2
1
9Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com