Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG6330-R Datasheet(PDF) 4 Page - Seme LAB

Part # MG6330-R
Description  SILICON EPITAXIAL PLANAR NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MG6330-R Datasheet(HTML) 4 Page - Seme LAB

  MG6330-R Datasheet HTML 1Page - Seme LAB MG6330-R Datasheet HTML 2Page - Seme LAB MG6330-R Datasheet HTML 3Page - Seme LAB MG6330-R Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SILICON EPITAXIAL
PNP TRANSISTOR
MG6330, MG6330
Semelab
Semelab
Semelab
Semelab Limited
Limited
Limited
Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
TYPICAL CHARACTERISTICS CONTINUED
MECHANICAL DATA
Dimensions in mm (inches)
Pin1
Pin1
Pin1
Pin1 –
––
– Base
Base
Base
Base
B
EPITAXIAL
PNP TRANSISTOR
MG6330-R
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab
CONTINUED (TA = 25°C unless otherwise stated)
TO3P
TO3P
TO3P
TO3P
Base
Base
Base
Base
Pin2
Pin2
Pin2
Pin2 –
––
– Collector
Collector
Collector
Collector
Pin3
Pin3
Pin3
Pin3 ---- Emitter
Emitter
Emitter
Emitter
B
C
E
http://www.semelab-tt.com
Document Number 9116
Issue 2
Page 4 of 4
Emitter
Emitter
Emitter
Emitter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com