Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG6330-R Datasheet(PDF) 1 Page - Seme LAB

Part # MG6330-R
Description  SILICON EPITAXIAL PLANAR NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MG6330-R Datasheet(HTML) 1 Page - Seme LAB

  MG6330-R Datasheet HTML 1Page - Seme LAB MG6330-R Datasheet HTML 2Page - Seme LAB MG6330-R Datasheet HTML 3Page - Seme LAB MG6330-R Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON EPITAXIAL
PLANAR NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9116
Issue 2
Page 1 of 4
MG6330, MG6330-R
• TO-3P Plastic Package
• Complimentary PNP – MG9410
• Designed specifically for audio power amplifier applications
• High Current audio bipolar with wide Safe Operating Area
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
MG6330
MG6330-R
VCBO
Collector – Base Voltage
230V
260V
VCEO
Collector – Emitter Voltage
230V
260V
VEBO
Emitter – Base Voltage
5V
IC
Continuous Collector Current
15A
IB
Base Current
4A
PD
Total Power Dissipation at
TA = 25°C
200W
TJ
Maximum Junction Temperature
150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
0.63
°C/W


Similar Part No. - MG6330-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MG6331 SEME-LAB-MG6331 Datasheet
588Kb / 5P
SILICON EPITAXIAL PLANAR NPN TRANSISTOR
MG6331-R SEME-LAB-MG6331-R Datasheet
588Kb / 5P
SILICON EPITAXIAL PLANAR NPN TRANSISTOR
logo
List of Unclassifed Man...
MG6333 ETC2-MG6333 Datasheet
553Kb / 2P
SILICON EPTIAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - MG6330-R

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com