Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2308CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # SML2308CSM4
Description  N?밅HANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML2308CSM4 Datasheet(HTML) 1 Page - Seme LAB

  SML2308CSM4 Datasheet HTML 1Page - Seme LAB SML2308CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML2308CSM4
VDS
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Continuous Drain Current
@TA = 25°C
IDM
Pulsed Drain Current 1
PD
Power Dissipation
@TA = 25°C
@TA = 100°C
RθJA
Thermal Resistance Junction to Ambient
TSTG , TJ
Maximum Junction and Storage Temperature Range
60V
±
20V
2A
10A
0.8W
0.32W
156°C/W
-55 to +150°C
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
N–CHANNEL
ENHANCEMENT MODE
MOSFET
LCC3 PACKAGE (MO-041BA)
Underside View
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
NOTE:
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
PAD 1 - Drain
PAD 2 - N/C
PAD 3 - Source
PAD 4 - Gate
The SML2308CSM4 is a very low on state
resistance N-Channel enhancement mode
mosfet in a Ceramic Surface Mount pack-
age designed for high rel applications:
FEATURES
• BVDSS =60V
• ID = 2A
• RDS(ON) = 0.16Ω
• Hermetic Surface Mount Package
• Screening Option Available
Document Number 5331
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - SML2308CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Infinite Electronics In...
SML2080 FAIRVIEW-SML2080 Datasheet
498Kb / 3P
SMA Limiter PIN-Schottky With 16 dBm Flat Leakage Operating From 2 GHz to 8 GHz
REV 1.4
logo
Seme LAB
SML20B56 SEME-LAB-SML20B56 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Inchange Semiconductor ...
SML20B56 ISC-SML20B56 Datasheet
396Kb / 2P
isc N-Channel MOSFET Transistor
logo
Seme LAB
SML20B67 SEME-LAB-SML20B67 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - SML2308CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6661DCSM SEME-LAB-2N6661DCSM Datasheet
41Kb / 2P
DUAL N?밅HANNEL ENHANCEMENT MODE
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
N?밅HANNEL ENHANCEMENT MODE
2N6802 SEME-LAB-2N6802 Datasheet
23Kb / 2P
N?밅HANNEL ENHANCEMENT
2N6660CSM4_0809 SEME-LAB-2N6660CSM4_0809 Datasheet
135Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6782 SEME-LAB-2N6782_01 Datasheet
57Kb / 2P
N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
2N6794 SEME-LAB-2N6794_01 Datasheet
57Kb / 2P
N?밅HANNEL ENHANCEMENT MODE POWER MOSFET
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A23 SEME-LAB-SML50A23 Datasheet
25Kb / 2P
N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
ZVN2106B SEME-LAB-ZVN2106B Datasheet
105Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com