Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2308CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # SML2308CSM4
Description  N?밅HANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML2308CSM4 Datasheet(HTML) 2 Page - Seme LAB

  SML2308CSM4 Datasheet HTML 1Page - Seme LAB SML2308CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SML2308CSM4
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
V(BR)DSS
VGS(TH)
IGSS
IDSS
ID(ON)
RDS(ON)
gfs
V
SD
Qg
Qgs
Qgd
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
60
1.5
±100
0.5
10
6
4
0.15
0.2
0.20
0.25
4.6
0.77
1.2
4.8
10
0.8
1.0
240
50
15
715
10
20
17
35
615
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate – Source Leakage Current
Zero Gate Voltage Drain Current
On State Drain Current 1
Drain Source On-State Resistance 1
Forward Transconductance 1
Diode Forward Voltage1
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn–on Delay Time
Rise Time
Turn–off Delay Time
Fall Time
VGS = 0V
ID = 250µA
VDS = VGS
ID = 250µA
VGS = ±20V
VGS = 0V
VDS = 60V
VGS = 0V
TJ = 55°C
VDS = ≥4.5V
VGS = 10V
VDS = ≥4.5V
VGS = 4.5V
VGS = 10V
ID = 2.0A
VGS = 4.5V
ID = 1.7A
VDS = 4.5V
ID = 2.0A
VGS = 0V
IS = 1.0A
VGS = 10V
VDS = 30V
ID = 2.0A
VGS = 0V
VDS = 25V
f = 1MHz
VDD = 30V
RL = 30Ω
ID = 1A
RG = 6Ω
VGEN = 4.5V
V
nA
µA
A
Ω
S
V
nc
pF
ns
ELECTRICAL RATINGS (T
A = 25°C unless otherwise stated)
NOTES:
1) Pulse Test: Pulse Width = 300
µs , Duty Cycle ≤ 2%
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS
Document Number 5331
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com