Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # SS-P
Description  SS Series Compatible Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-P Datasheet(HTML) 1 Page - Omron Electronics LLC

  SS-P Datasheet HTML 1Page - Omron Electronics LLC SS-P Datasheet HTML 2Page - Omron Electronics LLC SS-P Datasheet HTML 3Page - Omron Electronics LLC SS-P Datasheet HTML 4Page - Omron Electronics LLC SS-P Datasheet HTML 5Page - Omron Electronics LLC SS-P Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Subminiature Basic Switch
SS-P
103
Subminiature Basic Switch
SS-P
SS Series Compatible Mounting with
a Simple Construction and Easy-to-Use
Design Concept
• Insert molded base and improved case-to-base seal
provides enhanced resistance to flux.
• Switch rating of 3 A at 125 VAC possible with a single-leaf
movable spring. Models for micro loads with gold crossbar
contact are also available.
• Solder, quick-connect terminals (#110), and PCB terminals
are available, including even-pitched PCB terminals.
• RoHS Compliant.
Ordering Information
.
Model Number Legend
Terminals
Solder terminals
Quick-connect
terminals (#110)
PCB terminals
Rating
Actuator
Uneven pitch
Even pitch
3 A
Pin plunger
SS-3GP
SS-3GPT
SS-3GPD
SS-3GPB
Hinge lever
SS-3GLP
SS-3GLPT
SS-3GLPD
SS-3GLPB
Simulated roller lever
SS-3GL13P
SS-3GL13PT
SS-3GL13PD
SS-3GL13PB
0.1 A
Pin plunger
SS-01GP
SS-01GPT
SS-01GPD
SS-01GPB
Hinge lever
SS-01GLP
SS-01GLPT
SS-01GLPD
SS-01GLPB
Simulated roller lever
SS-01GL13P
SS-01GL13PT
SS-01GL13PD
SS-01GL13PB
SS-
P
1.
Ratings
3:
3 A at 125 VAC
01:
0.1 A at 30 VDC
2.
Contact Gap
G:
0.5 mm
3.
Actuator
None: Pin plunger
L:
Hinge lever
L13:
Simulated roller lever
4.
Terminals
None: Solder terminals
T:
Quick-connect terminals (#110)
D:
PCB terminals (Uneven pitch)
B:
PCB terminals (Even pitch)
3
4
2
1


Similar Part No. - SS-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
Intelligent Low-Flow Photoelectric Duct Smoke Detectors
SS-PDR GAMEWELL-FCI-SS-PDR Datasheet
225Kb / 4P
Intelligent Low-Flow Photoelectric Duct Smoke Detectors
More results

Similar Description - SS-P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-7388H11S-PG4 BEL-SS-7388H11S-PG4 Datasheet
132Kb / 1P
SS-7388H11S-PG4
SS-7388H33-NF BEL-SS-7388H33-NF Datasheet
107Kb / 1P
SS-7388H33-NF
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
PHOENIX CONTACT
0321019 PHOENIX-0321019 Datasheet
222Kb / 8P
URTK/SS
logo
Japan Aviation Electron...
FI-S4S JAE-FI-S4S Datasheet
105Kb / 2P
FI-SS HOUSING
FI-S8S JAE-FI-S8S Datasheet
106Kb / 2P
FI-SS HOUSING
logo
Sharma Electro Componen...
SS SHARMA-SS Datasheet
340Kb / 2P
SS Series
logo
E-SWITCH
SS0750301F020P1A E-SWITCH-SS0750301F020P1A Datasheet
1Mb / 2P
SERIES SS SWITCHES
logo
TE Connectivity Ltd
C-5-1419124-7 TEC-C-5-1419124-7 Datasheet
129Kb / 2P
OSA-SS-DM5,000,000M
logo
FIBOX Enclosing innovat...
8612004 FIBOX-8612004 Datasheet
38Kb / 1P
SS Twist Latch
18.07.2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com