Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-P Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # SS-P
Description  SS Series Compatible Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-P Datasheet(HTML) 4 Page - Omron Electronics LLC

  SS-P Datasheet HTML 1Page - Omron Electronics LLC SS-P Datasheet HTML 2Page - Omron Electronics LLC SS-P Datasheet HTML 3Page - Omron Electronics LLC SS-P Datasheet HTML 4Page - Omron Electronics LLC SS-P Datasheet HTML 5Page - Omron Electronics LLC SS-P Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
106
Subminiature Basic Switch
SS-P
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following illustrations are for solder terminal models. Refer to “Terminals” for models with quick-connect terminals (#110) and PCB terminals.
3. The operating characteristics are for operation in the A direction(
)
Pin Plunger Models
SS-3GP
SS-01GP
19.8
±0.2
5.15 9.5
±0.1
15.5
Three, 1.6 dia. holes
8.55
3.3
±0.1
3.5
7.7
0.5
6.4
±0.2
6.9
7.55
±0.2
2
PT
OP
2.35+0.075 dia.
−0.05
2.5
±0.07 dia.
2.15
7.3
A
2.35+0.075
−0.05
Characteristics
SS-3GP
SS-01GP
OF max.
153 gf
RF min.
20 gf
PT max.
0.6 mm
OT min.
0.4 mm
MD max.
0.15 mm
OP
8.4
± 0.3 mm
Hinge Lever Models
SS-3GLP
SS-01GLP
19.8
±0.2
5.15 9.5
±0.1
15.5
8.55
FP
OP
0.5
6.4
±0.2
6.9
14.5
t=0.3 Stainless-steel lever
2.15
7.3
A
3.3
±0.1
7.7
Three, 1.6 dia. holes
2.35+0.075
−0.05
2.35+0.075 dia.
−0.05
2.5
±0.07 dia.
3.6
Characteristics
SS-3GLP
SS-01GLP
OF max.
51 gf
RF min.
5 gf
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
13.6 mm
OP
8.8
± 0.8 mm
Simulated Roller Lever Models
SS-3GL13P
SS-01GL13P
5.15
15.5
8.55
FP
OP
0.5
6.9
R1.2
15.8
2.15
7.3
A
7.7
19.8
±0.2
9.5
±0.1
6.4
±0.2
t=0.3 Stainless-steel lever
3.3
±0.1
Three, 1.6 dia. holes
2.35+0.075
−0.05
2.35+0.075 dia.
−0.05
2.5
±0.07 dia.
3.6
Characteristics SS-3GL13P SS-01GL13P
OF max.
51 gf
RF min.
5 gf
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
15.5 mm
OP
10.7
± 0.8 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com