Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000 Datasheet(PDF) 13 Page - Texas Instruments

Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2000_08 Datasheet HTML 9Page - Texas Instruments TSC2000_08 Datasheet HTML 10Page - Texas Instruments TSC2000_08 Datasheet HTML 11Page - Texas Instruments TSC2000_08 Datasheet HTML 12Page - Texas Instruments TSC2000_08 Datasheet HTML 13Page - Texas Instruments TSC2000_08 Datasheet HTML 14Page - Texas Instruments TSC2000_08 Datasheet HTML 15Page - Texas Instruments TSC2000_08 Datasheet HTML 16Page - Texas Instruments TSC2000_08 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
www.ti.com
TSC2000
SBAS257
ADDR
REGISTER
00
X
01
Y
02
Z1
03
Z2
04
Reserved
05
BAT1
06
BAT2
07
AUX1
08
AUX2
09
TEMP1
0A
TEMP2
0B
DAC
0C
Reserved
0D
Reserved
0E
Reserved
0F
Reserved
10
ZERO
11
Reserved
12
Reserved
13
Reserved
14
Reserved
15
Reserved
16
Reserved
17
Reserved
18
Reserved
19
Reserved
1A
Reserved
1B
Reserved
1C
Reserved
1D
Reserved
1E
Reserved
1F
Reserved
PAGE 0: DATA REGISTERS
PAGE 1: CONTROL REGISTERS
ADDR
REGISTER
00
ADC
01
Reserved
02
DACCTL
03
REF
04
RESET
05
CONFIG
06
Reserved
07
Reserved
08
Reserved
09
Reserved
0A
Reserved
0B
Reserved
0C
Reserved
0D
Reserved
0E
Reserved
0F
Reserved
10
Reserved
11
Reserved
12
Reserved
13
Reserved
14
Reserved
15
Reserved
16
Reserved
17
Reserved
18
Reserved
19
Reserved
1A
Reserved
1B
Reserved
1C
Reserved
1D
Reserved
1E
Reserved
1F
Reserved
TABLE III. TSC2000 Memory Map.
FIGURE 7. Write and Read Operation of TSC2000 Interface.
Write Operation
Read Operation
Command Word
Command Word
Data
Data
Data
SS
SCLK
MOSI
MISO
To read all the first page of memory, for example, the host
processor must send the TSC2000 the command 8000H—this
specifies a read operation beginning at Page 0, Address 0. The
processor can then start clocking data out of the TSC2000. The
TSC2000 will automatically increment its address pointer to the
end of the page; if the host processor continues clocking data
out past the end of a page, the TSC2000 will simply send back
the value FFFFH.
Likewise, writing to Page 1 of memory would consist of the
processor writing the command 0800H, which would specify a
write operation, with PG0 set to 1, and all the ADDR bits set
to 0. This would result in the address pointer pointing at the
first location in memory on Page 1. See the TSC2000 Memory
Map section for details of register locations. Figure 7 shows an
example of a complete data transaction between the host
processor and the TSC2000.
TSC2000 MEMORY MAP
The TSC2000 has several 16-bit registers which allow control
of the device as well as providing a location for results from the
TSC2000 to be stored until read by the host microprocessor.
These registers are separated into two pages of memory in the
TSC2000: a Data page (Page 0) and a Control page (Page 1).
The memory map is shown in Table III.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com