Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2000_08 Datasheet HTML 1Page - Texas Instruments TSC2000_08 Datasheet HTML 2Page - Texas Instruments TSC2000_08 Datasheet HTML 3Page - Texas Instruments TSC2000_08 Datasheet HTML 4Page - Texas Instruments TSC2000_08 Datasheet HTML 5Page - Texas Instruments TSC2000_08 Datasheet HTML 6Page - Texas Instruments TSC2000_08 Datasheet HTML 7Page - Texas Instruments TSC2000_08 Datasheet HTML 8Page - Texas Instruments TSC2000_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
www.ti.com
TSC2000
SBAS257
ABSOLUTE MAXIMUM RATINGS(1)
VDD to GND ........................................................................... –0.3V to +6V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Operating Temperature Range ...................................... –40
°C to +105°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature (TJ Max) .................................................... +150°C
TSSOP Package
Power Dissipation .................................................... (TJ Max – TA)/θJA
θ
JA Thermal Impedance .......................................................... 93°C/W
Lead Temperature, Soldering
Vapor Phase (60s) ............................................................ +215
°C
Infrared (15s) ..................................................................... +220
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
INTEGRAL
SPECIFIED
LINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB) PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
TSC2000IPW
±2
TSSOP-20
PW
–40
°C to +85°C
TSC2000I
TSC2000IPW
Rails, 70
""
"
"
"
"
TSC2000IPWR
Tape and Reel, 2000
NOTES: (1) For the most current specifications and package information, refer to our web site at www.ti.com. (2) Models labeled with “R” indicates large quantity
tape and reel.
PIN CONFIGURATION
Top View
TSSOP
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1VDD
Power Supply
2
X+
X+ Position Input
3
Y+
Y+ Position Input
4X–
X– Position Input
5Y–
Y– Position Input
6
GND
Ground
7VBAT1
Battery Monitor Input 1
8VBAT2
Battery Monitor Input 2
9VREF
Voltage Reference Input/Output
10
NC
No Connection
11
SCLK
Serial Clock Input
12
SS
Slave Select Input (Active LOW). Data will not be
clocked in to MOSI unless SS is LOW. When SS is
HIGH, MISO is high impedance.
13
MOSI
Serial Data Input. Data is clocked in at SCLK falling
edge.
14
DAV
Data Available (Active LOW)
15
MISO
Serial Data Output. Data is clocked out at SCLK
falling edge. High impedance when SS is HIGH.
16
PENIRQ
Pen Interrupt
17
AOUT
Analog Output Current from D/A Converter
18
ARNG
D/A Converter Analog Output Range Set
19
AUX2
Auxiliary A/D Converter Input 2
20
AUX1
Auxiliary A/D Converter Input 1
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
+V
DD
X+
Y+
X–
Y–
GND
V
BAT1
V
BAT2
V
REF
NC
AUX1
AUX2
ARNG
A
OUT
PENIRQ
MISO
DAV
MOSI
SS
SCLK
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TSC2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com