Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSC2000 Datasheet HTML 13Page - Texas Instruments TSC2000 Datasheet HTML 14Page - Texas Instruments TSC2000 Datasheet HTML 15Page - Texas Instruments TSC2000 Datasheet HTML 16Page - Texas Instruments TSC2000 Datasheet HTML 17Page - Texas Instruments TSC2000 Datasheet HTML 18Page - Texas Instruments TSC2000 Datasheet HTML 19Page - Texas Instruments TSC2000 Datasheet HTML 20Page - Texas Instruments TSC2000 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
www.ti.com
TSC2000
SBAS257
DL1
DL0
DELAY TIME
00
0
µs
0
1
100
µs
1
0
500
µs
1
1
1000
µs
TABLE XVII. Reference Power-Up Delay Settings.
PDN
VALUE
DESCRIPTION
0
Internal Reference is Powered at All Times
1
Internal Reference is Powered Down Between Conversions
TABLE XVIII. PDN Bit Operation.
INT
PDN
REFERENCE BEHAVIOR
0
0
External Reference Used, Internal Reference Powered Down
0
1
External Reference Used, Interenal Reference Powered Down
1
0
Internal Reference Used, Always Powered Up
1
1
Internal Reference Used, Will Power Up During Conversions
and Then Power Down
TABLE XIX. Reference Behavior Possibilities.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
X
X
X
X
X
X
X
X
X
X
PRE2
PRE1
PRE0
SNS2
SNS1
SNS0
TABLE XXI. Configuration Control Register.
PRE[2:0]
PRE2
PRE1
PRE0
TIME
00
0
20
µs
00
1
84
µs
0
1
0
276
µs
0
1
1
340
µs
1
0
0
1.044ms
1
0
1
1.108ms
1
1
0
1.300ms
1
1
1
1.364ms
TABLE XXII. Precharge Times.
SNS[2:0]
SNS2
SNS1
SNS0
TIME
00
0
32
µs
00
1
96
µs
0
1
0
544
µs
0
1
1
608
µs
1
0
0
2.080ms
1
0
1
2.144ms
1
1
0
2.592ms
1
1
1
2.656ms
TABLE XXIII. Sense Times.
RFV
VALUE
DESCRIPTION
0
1.25V Reference Voltage
1
2.5V Reference Voltage
TABLE XX. RFV Bit Operation.
Bit 1: PDN = Reference Power Down. If a 1 is written to this
bit, the internal reference will be powered down between
conversions. If this bit is a zero, the internal reference will be
powered at all times. The default state is to power down the
internal reference, so this bit will be a 1. This bit is the same
whether reading or writing.
Note that the PDN bit, in concert with the INT bit, creates a
few possibilities for reference behavior. These are detailed in
Table XIX.
Bit 0: RFV = Reference Voltage control. This bit selects the
internal reference voltage, either 1.25V or 2.5V. The default
value is 1.25V. This bit is the same whether reading or writing.
TSC2000 CONFIGURATION CONTROL REGISTER
(PAGE 1, ADDRESS 05H)
This control register controls the configuration of the precharge
and sense times for the touch detect circuit. The register is
formatted as shown in Table XXI.
Bits [5:3]: PRE[2:0] = Precharge Time Selection Bits. These
bits set the amount of time allowed for precharging any pin
capacitance on the touch screen prior to sensing if a screen
touch is happening.
Bits [2:0]: SNS[2:0] = Sense Time Selection Bits. These bits
set the amount of time the TSC2000 will wait to sense a
screen touch between coordinate axis conversions in
PENIRQ-controlled mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com