Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TSC2000 Datasheet HTML 27Page - Texas Instruments TSC2000 Datasheet HTML 28Page - Texas Instruments TSC2000 Datasheet HTML 29Page - Texas Instruments TSC2000 Datasheet HTML 30Page - Texas Instruments TSC2000 Datasheet HTML 31Page - Texas Instruments TSC2000 Datasheet HTML 32Page - Texas Instruments TSC2000 Datasheet HTML 33Page - Texas Instruments TSC2000 Datasheet HTML 34Page - Texas Instruments TSC2000 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
32
www.ti.com
TSC2000
SBAS257
FIGURE 27. D/A Converter Configuration.
FIGURE 28. D/A Converter Output Current Range versus
RRNG Resistor Value.
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
10k
100k
1M
10M
100M
ARNG Resistor (
Ω)
D/A Converter
V+
V
BIAS
A
OUT
ARNG
RRNG
R2
R1
8 Bits
OPERATION—D/A CONVERTER
The TSC2000 has an on-board 8-bit D/A converter, config-
ured as shown in Figure 27. This configuration yields a
current sink (AOUT) controlled by the value of a resistor
connected between the ARNG pin and ground. The D/A
converter has a control register, which controls whether or
not the converter is powered up. The 8-bit data is written to
the D/A converter through the D/A converter data register.
This circuit is designed for flexibility in the output voltage at the
VBIAS point shown in Figure 27 to accommodate the widely
varying requirements for LCD contrast control bias. V+ can be
a higher voltage than the supply voltage for the TSC2000. The
only restriction is that the voltage on the AOUT pin can never go
above the absolute maximum ratings for the device, and
should stay above 1.5V for linear operation.
The D/A converter has an output sink range which is limited to
1mA. This range can be adjusted by changing the value of
RRNG shown in Figure 27. As this D/A converter is not
designed to be a precision device, the actual output current
range can vary as much as
±20%. Furthermore, the current
output will change due to variations in temperature; the D/A
converter has a temperature coefficient of approximately
–2
µA/°C. To set the full-scale current, RRNG can be deter-
mined from the graph shown in Figure 28.
For example, consider an LCD that has a contrast control
voltage VBIAS that can range from 2V to 4V, that draws 400µA
when used, and an available +5V supply. Note that this is
higher than the TSC2000 supply voltage, but it is within the
absolute maximum ratings.
The maximum VBIAS voltage is 4V, and this occurs when the
D/A converter current is 0, so only the 400
µA load current
ILOAD will be flowing from 5V to VBIAS. This means 1V will be
dropped across R1, so R1 = 1V/400µA = 2.5kΩ.
The minimum VBIAS is 2V, which occurs when the D/A
converter current is at its full scale value, IMAX. In this case,
5V – 2V = 3V will be dropped across R1, so the current
through R1 will be 3V/2.5K = 1.2mA. This current is
IMAX + ILOAD = IMAX + 400uA, so IMAX must be set to 800µA.
Looking at Figure 28, this means that RRNG should be
around 1M
Ω.
Since the voltage at the AOUT pin should not go below 1.5V,
this limits the voltage at the bottom of R2 to be 1.5V
minimum; this occurs when the D/A converter is providing its
maximum current, IMAX. In this case, IMAX +ILOAD flows through
R1, and IMAX flows through R2. Thus,
R2IMAX + R1(IMAX + ILOAD) = 5V – 1.5V = 3.5V
We already have found R1 = 2.5kΩ, IMAX = 800µA,
ILOAD = 400µA, so we can solve this for R2 and find that it
should be 625
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com