Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3S2BA-MU Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATSAM3S2BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 27Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 28Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 29Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 30Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 31Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 32Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 33Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 34Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
31
6500CS–ATARM–24-Jan-11
SAM3S Summary
9.
Memories
9.1
Embedded Memories
9.1.1
Internal SRAM
The ATSAM3S4 product (256-Kbyte internal Flash version) embeds a total of 48 Kbytes high-
speed SRAM.
The ATSAM3S2 product (128-Kbyte internal Flash version) embeds a total of 32 Kbytes high-
speed SRAM.
The ATSAM3S1 product (64-Kbyte internal Flash version) embeds a total of 16 Kbytes high-
speed SRAM.
The SRAM is accessible over System Cortex-M3 bus at address 0x2000 0000.
The SRAM is in the bit band region. The bit band alias region is mapped from 0x2200 0000 to
0x23FF FFFF.
9.1.2
Internal ROM
The SAM3S product embeds an Internal ROM, which contains the SAM Boot Assistant (SAM-
BA), In Application Programming routines (IAP) and Fast Flash Programming Interface (FFPI).
At any time, the ROM is mapped at address 0x0080 0000.
9.1.3
Embedded Flash
9.1.3.1
Flash Overview
The Flash of the ATSAM3S4 (256-Kbytes internal Flash version) is organized in one bank of
1024 pages (Single plane) of 256 bytes.
The Flash of the ATSAM3S2 (128-Kbytes internal Flash version) is organized in one bank of 512
pages (Single plane) of 256 bytes.
The Flash of the ATSAM3S1 (64-Kbytes internal Flash version) is organized in one bank of 256
pages (Single plane) of 256 bytes.
The Flash contains a 128-byte write buffer, accessible through a 32-bit interface.
9.1.3.2
Flash Power Supply
The Flash is supplied by VDDCORE.
9.1.3.3
Enhanced Embedded Flash Controller
The Enhanced Embedded Flash Controller (EEFC) manages accesses performed by the mas-
ters of the system. It enables reading the Flash and writing the write buffer. It also contains a
User Interface, mapped on the APB.
The Enhanced Embedded Flash Controller ensures the interface of the Flash block with the 32-
bit internal bus. Its 128-bit wide memory interface increases performance.
The user can choose between high performance or lower current consumption by selecting
either 128-bit or 64-bit access. It also manages the programming, erasing, locking and unlocking
sequences of the Flash using a full set of commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com